Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D203J12S2ADQF Datasheet(PDF) 4 Page - ITT Industries

Part # D203J12S2ADQF
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D203J12S2ADQF Datasheet(HTML) 4 Page - ITT Industries

  D203J12S2ADQF Datasheet HTML 1Page - ITT Industries D203J12S2ADQF Datasheet HTML 2Page - ITT Industries D203J12S2ADQF Datasheet HTML 3Page - ITT Industries D203J12S2ADQF Datasheet HTML 4Page - ITT Industries D203J12S2ADQF Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
TERMINATIONS
TERMINATIONS
ACTUATORS
ON
OFF
O
O
I
SP
DP
SP
DP
PC MOUNTING
(02 and 06)
SP
DP
SP
DP
PC MOUNTING
A
RIGHT ANGLE, PC THRU-HOLE
02
PC THRU-HOLE
15
QUICK CONNECT
06
EXTENDED PC THRU-HOLE
05
TWISTED QUICK CONNECT
17
WIRABLE QUICK CONNECT
NONE NO MARKING
D ON-OFF
H O |
N LARGE DOT
U LARGE DOT ON END
P O –
R RED RECTANGLE
ON END
Available with D101, D102, D501, D502 SP models only.
Available with DX01 and DX02 models only.
Available with DX01 and DX02 models only.
‘D, H, P & U’ marking options: marking color white, standard for all actuator colors except white. Black marking color, standard
for white actuators. ‘R & N’ marking option: red marking color, standard. Consult Customer Service Center for other available marking colors.
NOTE: Terminals are twisted.
Available with DX01 and DX02 models only.
NOTE: Orientation of actuator
markings and terminals.
Available with DX01 and DX02 models only.
H–65


Similar Part No. - D203J12S2ADQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D203 ETC1-D203 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D203 MPD-D203 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
C&K Components
D203 CK-COMPONENTS-D203 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Seme LAB
D2030 SEME-LAB-D2030 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
logo
G.M. International
D2030 GMI-D2030 Datasheet
278Kb / 2P
   Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
More results

Similar Description - D203J12S2ADQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com