Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRD10RM0AK Datasheet(PDF) 2 Page - ITT Industries

Part No. CRD10RM0AK
Description  10mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CRD10RM0AK Datasheet(HTML) 2 Page - ITT Industries

  CRD10RM0AK Datasheet HTML 1Page - ITT Industries CRD10RM0AK Datasheet HTML 2Page - ITT Industries CRD10RM0AK Datasheet HTML 3Page - ITT Industries CRD10RM0AK Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-33
I
SWITCHES WITH STANDARD OPTIONS
C&K CRD Series
10mm DIP Coded Rotary Switches
.024 TYP.
(0,60)
.394
(10,0)
.394
(10,0)
.032 TYP.
(0,81)
.100
(2,54)
.330
(8,38)
0 1
9
.100
(2,54)
.100
(2,54)
.300
(7,62)
.020
(0,51)
.146
(3,70)
.236
(6,00)
.300
(7,62)
Ø.040
(1,02)
1
C
4
8
C
2
1
C
4
8
C
2
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0CK
10
45
CRD16RM0CK
16
45
.032 TYP.
(0,81)
.100
(2,54)
.024 TYP.
(0,60)
.330
(8,38)
.100
(2,54)
.100
(2,54)
.200
(5,08)
.146
(3,70)
3
2
.200
(5,08)
.217
(5,50)
.197
(5,00)
.205
(5,20)
.010
(0,25)
.472
(12,0)
81
1
C
4
8
C
2
.394
(10,0)
.394
(10,0)
.100
(2,54)
TYP.
0 1
9
.430
(10,9)
.236
(6,00)
.240
(6,10)
.020
(0,51)
TYP.
.031
(0,79)
TYP.
.010
(0,25)
.035
(0,89)
.050
(1,27)
.366
(9,30)
.024 TYP.
(0,60)
.330
(8,38)
.100
(2,54)
.100
(2,54)
Ø.040
(1,02)
1
C
4
8
C
2
1
C
4
8
C
2
PC Mount
Right Angle Mount
Surface Mount
CRD10RM0CK
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0AK
10
35
CRD16RM0AK
16
35
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0SK
10
45
CRD16RM0SK
16
45


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CD08RM0AK 8mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries
A6R Low-cost Rotary DIP Switches 1  2  3  4  Omron Electronics LLC
TDA10H0SK1R Ultra-miniature Surface Mount Half-pitch DIP Switches 1  List of Unclassifed Manufacturers
EC204B020A Molded Printed Wiring Rotary Switches 1  2  3  4  List of Unclassifed Manufacturers
R1001N11A1 10mm Ultra Thin Micro Rotary Potentiometers 1  2  List of Unclassifed Manufacturers
76ST01 Thru-Hole DIP Switches 1  List of Unclassifed Manufacturers
BPA02B Side Actuated DIP Switches 1  2  ITT Industries
A10015RNZQ 1-4 Pole Rotary Switches 1  2  3  4  5  ITT Industries
BD01 Standard Profile DIP Switches 1  2  ITT Industries
H20307RR05Q Power ROTA-SLIDE Rotary Switches 1  2  3  ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn