Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALP127ALX Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ALP127ALX
Description  low power consumption 1.5 inch low temperature poly-silicon TFT-LCD module is suitable for view finder of digital still camera.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP127ALX Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ALP127ALX Datasheet HTML 1Page - Sanyo Semicon Device ALP127ALX Datasheet HTML 2Page - Sanyo Semicon Device ALP127ALX Datasheet HTML 3Page - Sanyo Semicon Device ALP127ALX Datasheet HTML 4Page - Sanyo Semicon Device ALP127ALX Datasheet HTML 5Page - Sanyo Semicon Device ALP127ALX Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tottori SANYO Electric Co., Ltd. Electronic Device Business Headquarters, LCD Division
ALP127ALX
Page.3/6
Symbol
MIN
TYP
MAX
Unit
Low
VHIL
-0.3
0.0
0.3
V
High
VHIH
2.5
3.0
4.0
V
Low
VVIL
-0.3
0.0
0.3
V
High
VVIH
2.5
3.0
4.0
V
Low
VHSIL
-0.3
0.0
0.3
V
High
VHSIH
HVDD
HVDD
HVDD
V
Low
VVSIL
-0.3
0.0
0.3
V
High
VVSIH
VVDD
VVDD
VVDD
V
analog I/F
VVC
3.30
3.50
3.70
V
digital I/F
VVC
2.55
2.75
2.95
V
Black(H) Vblack(H)
5.05
5.25
5.45
V
Black(L) Vblack(L)
1.55
1.75
1.95
V
White-Black
Vsig w-b
2.70
V
Black(H) Vblack(H)
4.30
4.50
4.70
V
Black(L) Vblack(L)
0.80
1.00
1.20
V
White-Black
Vsig w-b
2.70
V
(VVC-0.25)
(VVC-0.25)
(VVC-0.25)
-0.2
+0.2
(VVC-0.25)
(VVC-0.25)
(VVC-0.25)
-0.2
+0.2
analog I/F
VCOM p-p
3.5
V
digital I/F
VCOM p-p
3.5
V
VDSD
VVC
V
MIN
TYP
MAX
Unit
Forward current
19.5
20.0
20.5
mA
D.C. voltage(constant current ; 20 mA)
9.5
10.5
12.0
V
VCOM c
VCOM c
V
V
Video signal voltage
(digital I/F)
Common electrode signal
center range
Item
CSV
Drain storage data signal
Video signal center voltage
Video signal voltage
(analog I/F)
Common electrode signal
center voltage
analog I/F
digital I/F
V driver input voltage
Item
H driver/Drain storage gate
voltage
CSH
LCD
VBB
VSS
White LED Backlight Input Current/Voltage
Opperating Conditions VSS=0V
Symbol
MIN
TYP
MAX
Unit
HVDD
8.2
8.5
8.8
V
VVDD
8.2
8.5
8.8
V
VBB
-
-4.0
-
V
VBB output voltage
Item
Power supply voltage
To stabilize VBB output voltage, VBB should be tied VSS through a zener diode with smoothing
capacitor as the following diagram.
Negative Power Supply Generater
Zener voltage
4.0V
Input Signal
0.47
µF


Similar Part No. - ALP127ALX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP121AAX SANYO-ALP121AAX Datasheet
680Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AGX SANYO-ALP121AGX Datasheet
661Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AXX SANYO-ALP121AXX Datasheet
642Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
More results

Similar Description - ALP127ALX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
logo
Sanyo Semicon Device
ALP121AAX SANYO-ALP121AAX Datasheet
680Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AGX SANYO-ALP121AGX Datasheet
661Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
ALP121AXX SANYO-ALP121AXX Datasheet
642Kb / 8P
   Low-Temperature Polysilicon 1.5-inch TFT LCD Module
logo
Sharp Corporation
LQ6AN102 SHARP-LQ6AN102 Datasheet
67Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ4FN31 SHARP-LQ4FN31 Datasheet
54Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ5AW116 SHARP-LQ5AW116 Datasheet
68Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)
logo
Sanyo Semicon Device
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com