Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR93AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BFR93AT
Description  NPN 5 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 1 Page - NXP Semiconductors

  BFR93AT Datasheet HTML 1Page - NXP Semiconductors BFR93AT Datasheet HTML 2Page - NXP Semiconductors BFR93AT Datasheet HTML 3Page - NXP Semiconductors BFR93AT Datasheet HTML 4Page - NXP Semiconductors BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Product specification
Supersedes data of 1999 Nov 02
2000 Mar 09
DISCRETE SEMICONDUCTORS
BFR93AT
NPN 5 GHz wideband transistor
M3D173


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BFG16A NPN 2 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFG541 NPN 9 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFQ34 NPN 4 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFR92AW NPN 5 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFG17A NPN 3 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFQ621 NPN 7 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFR93 NPN 5 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFG197 NPN 7 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFQ67 NPN 8 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors
BFR93A NPN 6 GHz wideband transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn