Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR93AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFR93AT
Description  NPN 5 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors BFR93AT Datasheet HTML 10Page - NXP Semiconductors BFR93AT Datasheet HTML 11Page - NXP Semiconductors BFR93AT Datasheet HTML 12Page - NXP Semiconductors BFR93AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Mar 09
9
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AT
handbook, full pagewidth
MGC878
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
1
0.5
0.2
0.5
1
2
5
2
0.2
2
5
5
o
180
0.2
1
0
0.5
40 MHz
3 GHz
Fig.15 Common emitter input reflection coefficient (S11); typical values.
VCE = 8 V; IC = 30 mA; Zo =50 Ω.
handbook, full pagewidth
MGC898
0
o
90o
135
o
180
o
90o
50
40
30
20
10
45
o
135
o
45
o
40 MHz
3 GHz
VCE = 8 V; IC =30mA.
Fig.16 Common emitter forward transmission coefficient (S21); typical values.


Similar Part No. - BFR93AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR93AT INFINEON-BFR93AT Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results

Similar Description - BFR93AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com