Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8392A Datasheet(PDF) 5 Page - Analog Devices

Part No. AD8392A
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD8392A Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8392A
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
900
450
15
21
OUTPUT POWER (dBm)
850
800
750
700
650
600
550
500
16
17
18
19
20
PD (1, 0)
PD (0, 0)
PD (0, 1)
Figure 4. Power Consumption vs. Output Power (138 kHz to 2.2 MHz),
ADSL/ADSL2+ Circuit (Figure 15), VS = ±12 V, RLOAD = 100 Ω, CF = 5.5
15
–20
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
10
5
0
–5
–10
–15
PD (0, 1)
PD (0, 0)
PD (1, 0)
Figure 5. Small Signal Frequency Response
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p, RF = 2 kΩ
15
–20
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
10
5
0
–5
–10
–15
PD (0, 0)
PD (0, 1)
PD (1, 0)
Figure 6. Large Signal Frequency Response
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p, RF = 2 kΩ
0
–120
100k
1G
FREQUENCY (Hz)
1M
10M
100M
–20
–40
–60
–80
–100
Figure 7. Signal Feedthrough vs. Frequency
VS = ±12 V, G = +5, VIN = 800 mV p-p, PD (1, 1), RF = 2 kΩ
CH1 500mV CH2 500mV
100ns
1
2
Figure 8. Power-Up Time: PD (1, 1) to PD (0, 0)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p, RF = 2 kΩ
CH1 500mV CH2 500mV
400ns
1
2
Figure 9. Power-Down Time: PD (0, 0) to PD (1, 1)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p, RF = 2 kΩ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn