Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460AV33-167BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1460AV33-167BZXC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460AV33-167BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1460AV33-167BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1460AV33-167BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PRELIMINARY
CY7C1460AV33
CY7C1462AV33
CY7C1464AV33
Document #: 38-05353 Rev. *A
Page 6 of 27
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN.
CLK is only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE2 and CE3 to select/deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device.
OE
Input-
Asynchronous
Output Enable, active LOW. Combined with the synchronous logic block inside the device to
control the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs.
When deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during
the data portion of a write sequence, during the first clock when emerging from a deselected state
and when the device has been deselected.
CEN
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the clock signal is recognized by the
SRAM. When deasserted HIGH the clock signal is masked. Since deasserting CEN does not
deselect the device, CEN can be used to extend the previous cycle when required.
DQa
DQb
DQc
DQd
DQe
DQf
DQg
DQh
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered
by the rising edge of CLK. As outputs, they deliver the data contained in the memory location
specified by AX during the previous clock rise of the read cycle. The direction of the pins is
controlled by OE and the internal control logic. When OE is asserted LOW, the pins can behave
as outputs. When HIGH, DQa–DQd are placed in a tri-state condition. The outputs are automat-
ically tri-stated during the data portion of a write sequence, during the first clock when emerging
from a deselected state, and when the device is deselected, regardless of the state of OE.
DQPa
DQPb
DQPc
DQPd
DQPe
DQPf
DQPg
DQPh
I/O-
Synchronous
Bidirectional Data Parity I/O lines. Functionally, these signals are identical to DQ[31:0]. During
write sequences, DQPa is controlled by BWa, DQPb is controlled by BWb, DQPc is controlled by
BWc, and DQPd is controlled by BWd, DQPe is controlled by BWe, DQPf is controlled by BWf,
DQPg is controlled by BWg, DQPh is controlled by BWh.
MODE
Input Strap Pin
Mode Input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order.
Pulled LOW selects the linear burst order. MODE should not change states during operation.
When left floating MODE will default HIGH, to an interleaved burst order.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK.
TDI
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK.
TMS
Test Mode Select
Synchronous
This pin controls the Test Access Port state machine. Sampled on the rising edge of TCK.
TCK
JTAG-Clock
Clock input to the JTAG circuitry.
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
I/O Power Supply Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
N/A
No connects. This pin is not connected to the die.
NC/72M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the die. Can be tied to any voltage level.
ZZ
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time critical “sleep” condition
with data integrity preserved. During normal operation, this pin can be connected to Vss or left
floating.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1460AV33-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33-167BZXC CYPRESS-CY7C1460AV33-167BZXC Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460AV33-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com