Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G00-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G00-Q1
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC1G00-Q1 Datasheet HTML 1Page - Texas Instruments SN74AHC1G00-Q1 Datasheet HTML 2Page - Texas Instruments SN74AHC1G00-Q1 Datasheet HTML 3Page - Texas Instruments SN74AHC1G00-Q1 Datasheet HTML 4Page - Texas Instruments SN74AHC1G00-Q1 Datasheet HTML 5Page - Texas Instruments SN74AHC1G00-Q1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74AHC1G00Q1
SINGLE 2INPUT POSITIVENAND GATE
SLOS424A − MARCH 1996 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D Operating Range of 2 V to 5.5 V
D Max tpd of 6.5 ns at 5 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 5 V
D Schmitt-Trigger Action at All Inputs Makes
the Circuit Tolerant for Slower Input Rise
and Fall Time
† Contact factory for details. Q100 qualification data available on
request.
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The SN74AHC1G00 performs the Boolean function Y = A
• B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1G00IDBVRQ1
A00U
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1G00IDCKRQ1
AAU
−40
°C to 125°C
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1G00QDBVRQ1
A00U
−40
°C to 125°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1G00QDCKRQ1
AAU
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic diagram (positive logic)
1
2
4
A
B
Y
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
Y
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AHC1G00-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00-Q1 TI1-SN74AHC1G00-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
More results

Similar Description - SN74AHC1G00-Q1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com