Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162244MT Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT162244MT
Description  Fast CMOS 16-Bit Heavy Buffer/Line Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162244MT Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT162244MT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT162244MT Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PI74FCT162244MT
16-BIT HEAVY BUFFER/LINE DRIVER
6
PS2043A 03/12/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Application Note
Almost all propagation delay specifications in standard data
books are specified for one single bit switching, not multiple-bit
switching. The propagation delay tPLH/tPHL of a buffer driver
increases very significantly for all 16 bits switching simulta-
neously, as compared with one single bit switching.
For realistic heavy load applications such as DRAM modules and
per JEDEC DRAM module specification, the driver propagation
delay should be specified for all 16 bits switching worst case. The
specification for one single bit switching in standard data books
has no useful meaning.
The following PI74FCT162244MT test data are tested under
150 pF heavy loads and all 16 bits switching simultaneously:
Figure 1. Vertical voltage scale is 1.0V/div. Reference voltage level y2 at the middle is 1.5V. Horizontal
time scale is 1.0 ns/div. For PI74FCT162244MT with 150 pF loads, all 16 bits switching, the
propagation delay tPLH is 3.64 ns. Minimal undershoot and overshoot.


Similar Part No. - PI74FCT162244MT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162244ATA PERICOM-PI74FCT162244ATA Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATAE PERICOM-PI74FCT162244ATAE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATV PERICOM-PI74FCT162244ATV Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATVE PERICOM-PI74FCT162244ATVE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244CTA PERICOM-PI74FCT162244CTA Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
More results

Similar Description - PI74FCT162244MT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com