Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 4N35X
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

4N35X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4N35X Datasheet HTML 1Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 2Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
24/11/00
DB90046M-AAS/A1
0.26
0.5
Dimensions in mm
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
l
EN60950 approval pending
DESCRIPTION
The 4N35, 4N36, 4N37 series of optically
coupled isolators consist of infrared light
emitting diode and NPN silicon photo transistor
in a standard 6 pin dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio (100% min.)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
OPTICALLY COUPLED
ISOLATOR
PHOTOTRANSISTOR OUTPUT
1
3
4
6
2
5
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Collector-base Voltage BV
CBO
70V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
160mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
4N35X, 4N36X, 4N37X,
4N35, 4N36, 4N37,
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
10.46
9.86
0.6
0.1
1.25
0.75
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CNX62ANON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
H11AV1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
MOC8100OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
IS201-63OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
SFH601-5OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNX72AXOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2533HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers
CNY75OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNY17-1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2530HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn