Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 4N35X
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

4N35X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4N35X Datasheet HTML 1Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 2Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
24/11/00
50
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
100
70
80
-30
0
25
50
75
100
125
0
0.5
1.0
1.5
I
F = 10mA
V
CE = 10V
Relative Current Transfer Ratio
vs. Ambient Temperature
Ambient temperature T
A ( °C )
1
2
5
10
20
50
0
0.4
0.6
0.8
1.0
1.2
0.2
1.4
V
CE = 10V
T
A = 25°C
Relative Current Transfer Ratio
vs. Forward Current
Forward current I
F (mA)
Collector Current vs. Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
0
2
4
6
8
10
0
10
20
30
40
50
T
A = 25°C
I
F = 5mA
10
15
20
30
50
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
I
F = 10mA
I
C = 0.5mA
-30
0
25
50
75
100
-30
0
25
50
75
100
DB90046M-AAS/A1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CNX62ANON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
H11AV1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
MOC8100OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
IS201-63OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
SFH601-5OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNX72AXOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2533HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers
CNY75OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNY17-1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2530HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn