Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 4N35X
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

4N35X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4N35X Datasheet HTML 1Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 2Page - List of Unclassifed Manufacturers 4N35X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Voltage (V
R)
6
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
30
V
I
C = 1mA
( Note 2 )
Collector-base Breakdown (BV
CBO)
70
V
I
C = 100µA
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
50
nA
V
CE = 10V
Collector-base Dark Current (I
CBO)
20
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR)
100
%
10mA I
F , 10V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
0.3
V
10mA I
F , 0.5mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
Turn-on Time
ton
5
10
µs
V
CC = 10V ,
Turn-off Time
toff
5
10
µs
I
C= 2mA, RL = 100Ω
Output Rise Time
tr
3.5
µs
( FIG 1)
Output Fall Time
tf
4.9
µs
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
24/11/00
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Output
Output
R
L = 100Ω
Input
10%
90%
90%
10%
t
on
t
r
FIG 1
V
CC
t
off
t
f
DB90046M-AAS/A1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CNX62ANON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
H11AV1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
MOC8100OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
IS201-63OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
SFH601-5OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNX72AXOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2533HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers
CNY75OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
CNY17-1XOPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 List of Unclassifed Manufacturers
ICPL2530HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn