Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7384M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7384M
Description  Half-Bridge Gate-Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7384M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7384M Datasheet HTML 1Page - Fairchild Semiconductor FAN7384M Datasheet HTML 2Page - Fairchild Semiconductor FAN7384M Datasheet HTML 3Page - Fairchild Semiconductor FAN7384M Datasheet HTML 4Page - Fairchild Semiconductor FAN7384M Datasheet HTML 5Page - Fairchild Semiconductor FAN7384M Datasheet HTML 6Page - Fairchild Semiconductor FAN7384M Datasheet HTML 7Page - Fairchild Semiconductor FAN7384M Datasheet HTML 8Page - Fairchild Semiconductor FAN7384M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
January 2007
FAN7384 Rev. 1.0.3
FAN7384
Half-Bridge Gate-Drive IC
Features
Floating Channel for Bootstrap Operation to +600V
Typically 250mA/500mA Sourcing/Sinking Current
Driving Capability for Both Channels
Extended Allowable Negative VS Swing to -9.8V for
Signal Propagation at VDD=VBS=15V
Matched Propagation Delay Below 50ns
Output In-Phase with Input Signal
3.3V and 5V Input Logic Compatible
Built-in Shoot-Through Prevention Logic
Built-in Common Mode dv/dt Noise Canceling Circuit
Built-in UVLO Functions for Both Channels
Built-in Cycle-by-Cycle Shutdown Function
Built-in Soft-Off Function
Built-in Bi-Directional Fault Function
Built-in Short-Circuit Protection Function
Applications
Motor Inverter Driver
Normal Half-Bridge and Full-Bridge Driver
Switching Mode Power Supply
Description
The FAN7384 is a monolithic half-bridge gate-drive IC
designed for high voltage, high speed driving MOSFETs
and IGBTs operating up to +600V.
Fairchild’s high-voltage process and common-mode
noise canceling technique provide stable operation of
high-side drivers under high-dv/dt noise circumstances.
An advanced level-shift circuit allows high-side gate
driver operation up to VS = -9.8V (typical) for VBS =15V.
The UVLO circuits prevent malfunction when VDD and
VBS are lower than the specified threshold voltage.
Output drivers typically source/sink 250mA/500mA,
respectively, which is suitable for half-bridge and full-
bridge applications in motor drive systems.
Ordering Information
Note:
1. These devices passed wave soldering test by JESD22A-111.
1
14-SOP
Part Number
Package
Pb-Free
Operating Temperature
Range
Packing Method
FAN7384M(1)
14-SOP
Yes
-40°C ~ 125°C
Tube
FAN7384MX(1)
Tape & Reel


Similar Part No. - FAN7384M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384M FAIRCHILD-FAN7384M Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384M FAIRCHILD-FAN7384M Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384MX FAIRCHILD-FAN7384MX Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384MX FAIRCHILD-FAN7384MX Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN7384MX ONSEMI-FAN7384MX Datasheet
2Mb / 19P
   Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.8
More results

Similar Description - FAN7384M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com