Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3900EVKIT Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3900EVKIT
Description  Serial Communications Module For Evaluation Kits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3900EVKIT Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3900EVKIT Datasheet HTML 7Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 8Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 9Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 10Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 11Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 12Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 13Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 14Page - Dallas Semiconductor DS3900EVKIT Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Serial Communications Module
For Evaluation Kits
____________________________________________________________________
11
JP1
2 x 8 FEMALE
HEADER
P1
RA2
RA1
RA0
OSC1
OSC2
VCC
VCC
VCC
RB7
RB6
RB5
RB4
VCC
MA2YD15
2.2k
RA3
U1
PIC16LF628
(TSSOP)
MAX3223
(SSOP)
U2
RA4
RB0
RB1
RB2
RB3
C1+
0.1
µF
0.1
µF
1
µF
1
µF
FORCEOFF
FORCEON
VCC
GND
T1OUT
R1IN
T1IN
T2IN
R1OUT
1
µF
C2+
C2-
C1-
V+
V-
T2OUT
R2IN
R2OUT
EN
VCC
VCC
1.0
µF
0.1
µF
27pF
27pF
4.7k
4.7k
CTX501
CT2192MST
CRYSTAL
3.68MHz
JP3
1
6
7
8
9
2
3
4
5
DB9
VSS
VSS
MCLR
P2
P3
P4
P5
GND
GND
(N.C.) RESET
P11-SDA
P10-SCL
GND
P8
P7
P9
P6
VCC
JP2
2 x 8 FEMALE
HEADER
INVALID
Figure 2. DS3900 Schematic


Similar Part No. - DS3900EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
More results

Similar Description - DS3900EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com