Electronic Components Datasheet Search |
|
DT22J12B202QA7 Datasheet(PDF) 4 Page - ITT Industries |
|
DT22J12B202QA7 Datasheet(HTML) 4 Page - ITT Industries |
4 / 4 page OPTION CODE CONTACT AND TERMINAL MATERIAL RATINGS RoHS COMPLIANT * RoHS COMPATIBLE * QA SILVER POWER 8 AMPS @ 125 VAC; 4 AMPS @ 250 VAC (UL/CSA) QF * SILVER POWER 10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE) QH* SILVER POWER 16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC www.ittcannon.com H–70 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change TERMINATION DT Series Miniature Double Pole Rocker Switches ACTUATOR MARKING CONTACT MATERIAL LAMP RATING (NONE) NO LAMP 7 125 VAC 33kΩ NEON 8 250 VAC 150kΩ NEON NONE NO MARKING D ON-OFF H O-l N LARGE DOT P O – NOTE: Orientation of actuator marking and terminals. A RIGHT ANGLE, PC THRU-HOLE NOTE: No VDE approval of this option. .394 (10,0) .708 (18,0) .256 (6,5) .049 (1,3) .031 (0,8) *1 QF available with termination 15 only. H NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. YES YES YES YES YES YES |
Similar Part No. - DT22J12B202QA7 |
|
Similar Description - DT22J12B202QA7 |