Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBS2KGB4SP011C Datasheet(PDF) 2 Page - ITT Industries

Part No. HBS2KGB4SP011C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

HBS2KGB4SP011C Datasheet(HTML) 2 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
K
K–38
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
SERIES
FUNCTION
CONTACT SEPARATION
1
2
4
7
CONTACT
SEPARATION
.001
.002
.003
.004
.005
.0015
.0002
.0004
DIFFERENTIAL TRAVEL SPECIFICATION LIMITS
FOR VARIOUS CONTACT SEPARATIONS
INCH
0
Single Pole
OPER. POS.
.625 ± .015
(15,88 ± 0,38)
S
SINGLE POLE SWITCH
HB
PRECISION SNAP-ACTING SWITCHES
NOTE: To select switching function, see CIRCUITRY section, page K-42.
Sealed Actuator and Case
To provide reliable service under environmental conditions that might damage standard precision switches, various HB Series
switch models are sealed against the entrance of airborne contaminants and/or splashing liquids. The clearance between
the operating plunger and the cover is sealed with a silicone boot and the base cover joint is sealed with an epoxy adhesive.
These models are designed to meet requirements of IP65 (dust proof, water splash and dew condensation). For additional
information on sealed switches, consult our Customer Service Center.
.070
(1,78)
7
.040
(1,02)
4
.010
(0,25)
1
.020
(0,51)
2
NOMINAL CONTACT
SEPARATION (in./mm)
OPTION
CODE
Switches with 1 AMP rating (option
code ‘F5’) are available only with
.020 contact separation (option ‘2’).
Switches with 1/2 HP, 125 V AC rating
or greater (option codes ‘B5 and B6’)
are not available with .010 contact
separation (option code ‘1’).


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn