Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2411 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2411
Description  Baseband Processor for Radio Communications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2411 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2411 Datasheet HTML 1Page - National Semiconductor (TI) LMX2411 Datasheet HTML 2Page - National Semiconductor (TI) LMX2411 Datasheet HTML 3Page - National Semiconductor (TI) LMX2411 Datasheet HTML 4Page - National Semiconductor (TI) LMX2411 Datasheet HTML 5Page - National Semiconductor (TI) LMX2411 Datasheet HTML 6Page - National Semiconductor (TI) LMX2411 Datasheet HTML 7Page - National Semiconductor (TI) LMX2411 Datasheet HTML 8Page - National Semiconductor (TI) LMX2411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Supply Voltage (VCC)
65V
Storage Temperature Range (TS)
b
65 Cto a150 C
Lead Temperature (TI)
(Soldering 10 Seconds)
a
260 C
Recommended Operating
Conditions
Supply Range (VCC)
285V to 36V
Operating Temperature (TA)
b
10 Cto a70 C
DC Electrical Characteristics
The following specifications are guaranteed over the recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INTERFACE SECTION
(Note 1)
VOH
High Level Output Voltage
IOH eb10 mA
VCC b 04
V
VOL
Low Level Output Voltage
IOL e 10 mA
04
V
VIH
High Level Input Voltage
VCC b 08
V
VIL
Low Level Input Voltage
08
V
IIN
Input Current
GND k VIN k VCC
b
10
10
m
A
Note 1
DC Electrical Characteristics for the digital section apply to all digital input and output pins This includes Tx Data Tx PD Rx PD Comp Out ROM Sel1
ROM Sel2 and S-Field
Electrical Characteristics The following specifications are guaranteed over recommended operating condi-
tions and oscillator (Sys Clk) frequency of 10368 MHz unless otherwise specified
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IRx
Rx Mode Current Consumption (Note 1)
Tx Mode Off
6
7
mA
ITx
Tx Mode Current Consumption (Note 2)
Rx Mode Off
35
5
mA
IPD
Standby Current (Power Down)
Tx and Rx Mode Off
50
100
m
A
SYSTEM CLK INPUT
VOSC
Oscillator Sensitivity
Sys Clk Input
05
VPP
fOSC
Maximum Oscillator Frequency
40% k Duty Cycle k 60%
19
MHz
VOFF
Oscillator DC Offset
15
V
IOSC
Oscillator Input Current
GND k VIN k VCC
g
30
g
50
m
A
TRANSMIT ROM FILTER
tS
DAC Voltage Settling Time to within
CLOAD e 3pF
100
ns
LSB
All 0’s to all 1’s
ROUT
Output Impedance (Pin 6)
29
41
kX
VOUT
Output Voltage Swing (Pin 6) (Note 3)
Measured from 0V
095
105
V
DAC Midband Voltage
DAC Code e 10000000
479
529
mV
Gaussian Filter Pulse Response
g
05
%
Accuracy (Note 4)
ISI from Gaussian Filter (Note 5)
Bb T e 05 Filter
11
%
DC COMPENSATION SAMPLE AND HOLD CIRCUIT
VOS
Input Offset Voltage
3mV
VIO
InputOutput Voltage Swing
Centered at 15V
1
VPP
RSH
Sample and Hold Resistor
2240
3360
X
DV
Threshold Input Voltage Droop
CHOLD e 2700 pF (Pin 2)
1
10
mVms
3


Similar Part No. - LMX2411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMx24 TI1-LMx24 Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
LMX24 TI-LMX24 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LMX24 TI-LMX24 Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LMX24 TI-LMX24 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LMX24 TI1-LMX24 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results

Similar Description - LMX2411

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSCBT MSI-MSCBT Datasheet
386Kb / 12P
   Communications Baseband Transceiver
logo
Skyworks Solutions Inc.
SI4692 SKYWORKS-SI4692 Datasheet
828Kb / 5P
   High-Performance Digital Radio Baseband Processor with Seamless Blending
November 4, 2021
logo
Toshiba Semiconductor
TD6127BP TOSHIBA-TD6127BP Datasheet
224Kb / 5P
   ECL PRESCALLER FOR COMMUNICATIONS RADIO
logo
Mercury United Electron...
45M30AU5 MERCURY-45M30AU5 Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
21M30AU1MJ MERCURY-21M30AU1MJ Datasheet
92Kb / 1P
   Suitable for business radio and other radio communications .
21M30AU1 MERCURY-21M30AU1 Datasheet
98Kb / 1P
   Suitable for business radio and other radio communications .
45M30AU5MJ MERCURY-45M30AU5MJ Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
21M30CS1 MERCURY-21M30CS1 Datasheet
99Kb / 1P
   Suitable for business radio and other radio communications .
21M30DS2 MERCURY-21M30DS2 Datasheet
100Kb / 1P
   Suitable for business radio and other radio communications
21M30AU5 MERCURY-21M30AU5 Datasheet
97Kb / 1P
   Suitable for business radio and other radio communications .
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com