Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8137YCPZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8137YCPZ-REEL
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YCPZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8137YCPZ-REEL Datasheet HTML 2Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 3Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 4Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 5Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 6Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 7Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 8Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 9Page - Analog Devices AD8137YCPZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8137
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
12 V
VOCM
VS+ to VS−
Power Dissipation
See Figure 3
Input Common-Mode Voltage
VS+ to VS−
Storage Temperature
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, i.e., θJA is specified
for the device soldered in a circuit board in still air.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
SOIC-8/2-Layer
157
56
°C/W
SOIC-8/4-Layer
125
56
°C/W
LFCSP/4-Layer
70
56
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the AD8137 package is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic will change its properties. Even tempo-
rarily exceeding this temperature limit may change the stresses
that the package exerts on the die, permanently shifting the
parametric performance of the AD8137. Exceeding a junction
temperature of 175°C for an extended period of time can result
in changes in the silicon devices potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of differential
and common-mode currents flowing to the load, as well as
currents flowing through the external feedback networks and
the internal common-mode feedback loop. The internal resistor
tap used in the common-mode feedback loop places a 1 kΩ
differential load on the output. RMS output voltages should be
considered when dealing with ac signals.
Airflow reduces θJA. Also, more metal directly in contact with
the package leads from metal traces, through holes, ground, and
power planes will reduce the θJA.
Figure 3 shows the maximum safe power dissipation in the
package versus the ambient temperature for the SOIC-8
(125°C/W) and LFCSP (θJA = 70°C/W) package on a JEDEC
standard 4-layer board. θJA values are approximations.
–40
–20 –10
–30
0
10 20 30 40 50 60 70 80 90 100 110 120
3.0
1.0
1.5
0.5
2.0
2.5
0
AMBIENT TEMPERATURE (°C)
SOIC-8
LFCSP
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


Similar Part No. - AD8137YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137YCPZ-REEL AD-AD8137YCPZ-REEL Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
logo
Aavid, Thermal Division...
AD8137YCPZ-REEL AAVID-AD8137YCPZ-REEL Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137YCPZ-REEL AD-AD8137YCPZ-REEL Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
logo
Aavid, Thermal Division...
AD8137YCPZ-REEL7 AAVID-AD8137YCPZ-REEL7 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results

Similar Description - AD8137YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com