Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H20307RR05Q Datasheet(PDF) 2 Page - ITT Industries

Part No. H20307RR05Q
Description  Power ROTA-SLIDE Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

H20307RR05Q Datasheet(HTML) 2 Page - ITT Industries

  H20307RR05Q Datasheet HTML 1Page - ITT Industries H20307RR05Q Datasheet HTML 2Page - ITT Industries H20307RR05Q Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L–46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K H Series
Power ROTA-SLIDE® Rotary Switches
SWITCH FUNCTION
ACTUATOR
DP MODELS 45º INDEXING
SCHEMATIC
SP MODELS 45º INDEXING
SCHEMATIC
07
.275" HIGH WITH .156" FLAT
Part number shown: H10107RR05Q
8-1
SPST
H101
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
SP MODELS 45º INDEXING
All Terminals
4 Position
H204
All Terminals
3 Position
H203
7-8-1, 3-4-5
DPDT
H202
DP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
DP MODELS 45º INDEXING
NOTE: Break-before-make contacts. Terminal numbers are molded
on bottom of housing. Actuators and contacts are shown in position 1.
No common terminal is present. Switching function is provided by
movable contacts shorting adjacent pairs of stationary contacts.
All models
with all options.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FA0515RN02Q Miniature ROTA-SLIDE Rotary Switches 1  2  3  4  ITT Industries
AT1601 USB High-Side Power Switches with Flag 1  2  3  4  5  More Aimtron Technology
CA01J12207Q Power Rocker Switches 1  2  3  4  ITT Industries
A10015RNZQ 1-4 Pole Rotary Switches 1  2  3  4  5  ITT Industries
2N4234 COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES 1  2  Micro Electronics
CM101J12S205QA Single Pole Power Rocker Switches 1  2  3  4  ITT Industries
CA04J137207Q Illuminated Power Rocker Switches 1  2  3  4  ITT Industries
CN201J12S215Q Double Pole Power Rocker Switches 1  2  3  4  ITT Industries
MA00L1NZQD Half-inch Rotary Switches 1  2  3  4  5  More ITT Industries
CD08RM0AK 8mm DIP Coded Rotary Switches 1  2  3  4  ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn