Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC5955 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5955 Datasheet HTML 1Page - National Semiconductor (TI) CLC5955 Datasheet HTML 2Page - National Semiconductor (TI) CLC5955 Datasheet HTML 3Page - National Semiconductor (TI) CLC5955 Datasheet HTML 4Page - National Semiconductor (TI) CLC5955 Datasheet HTML 5Page - National Semiconductor (TI) CLC5955 Datasheet HTML 6Page - National Semiconductor (TI) CLC5955 Datasheet HTML 7Page - National Semiconductor (TI) CLC5955 Datasheet HTML 8Page - National Semiconductor (TI) CLC5955 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CLC5955
5
http://www.national.com
CLC5955 Typical Performance Characteristics (V
cc = +5V)
SNR and SFDR vs. Input Frequency
Input Frequency (MHz)
85
40
45
50
55
60
65
70
75
80
0
200
300
SFDR
100
SNR
Fs = 40.96MSPS
Ain = -3dBFS
SNR and SFDR vs. Input Frequency
Input Frequency (MHz)
85
40
45
50
55
60
65
70
75
80
0
200
300
SFDR
100
SNR
Fs = 52MSPS
Ain = -3dBFS
SNR and SFDR vs. Input Frequency
Input Frequency (MHz)
85
40
45
50
55
60
65
70
75
80
0
200
300
SNR
100
SFDR
Fs = 66MSPS
Ain = -3dBFS
SFDR
SNR and SFDR vs. Sample Rate
Sample Rate (MSPS)
50
55
60
65
70
80
90
40
50
60
70
80
SNR
Fin = 24.5MHz
75
85
Single Tone Output Spectrum
Frequency (MHz)
-100
-90
-70
-60
-40
-20
0
0
5
10
15
35
-30
-10
20
25
30
-50
-80
Fs = 66MSPS
Ain = -1dBFS
Fin = 24.5MHz
Differential Non-Linearity
Output Code
-2.0
2.0
0
512
1.0
1024
1536
0
-1.0
2048
Fs = 66MSPS
Fin = 5MHz
Integral Non-Linearity
Output Code
-4.0
4.0
0
512
2.0
1024
1536
0
-2.0
-1.0
3.0
1.0
-3.0
2048
Fs = 66MSPS
Fin = 5MHz
Single Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-70
-60
-40
-20
0
0
5
10
15
35
-30
-10
20
25
30
-50
-80
Fs = 66MSPS
Ain = - 6dBFS
Fin = 24.5MHz
Dither Signal = 500kHz @ - 28dBFS


Similar Part No. - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTD NSC-CLC5956IMTD Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTDX NSC-CLC5956IMTDX Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956PCASM NSC-CLC5956PCASM Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
   11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
   11-BIT VOLTAGE OUTPUT D/A CONVERTER
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com