Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3430 Datasheet(PDF) 6 Page - Vectron International, Inc

Part No. C3430
Description  Surface Mount Package Reflow Process Compatible Low Phase Noise Build in PLL-Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C3430 Datasheet(HTML) 6 Page - Vectron International, Inc

  C3430 Datasheet HTML 1Page - Vectron International, Inc C3430 Datasheet HTML 2Page - Vectron International, Inc C3430 Datasheet HTML 3Page - Vectron International, Inc C3430 Datasheet HTML 4Page - Vectron International, Inc C3430 Datasheet HTML 5Page - Vectron International, Inc C3430 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C3430
FCXO
Vectron International · www.vectron.com
v.2005-10-28 · page 6 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju Road,
W aiGaoQiao Free Trade Zone, Pudong,
Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical P/N = C3430A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage,
load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
C1310 Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification 1  2  3  4  5  Vectron International, Inc
C1250 PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc
C1300 PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc
C4505 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package 1  2  3  4  5  Vectron International, Inc
C4530 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  5  More Vectron International, Inc
C5250 VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc
C5260 VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise 1  2  3  4  5  Vectron International, Inc
C2310 TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile 1  2  3  4  5  Vectron International, Inc
C4550 OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  Vectron International, Inc
C5300 VCXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn