Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP11MCBE Datasheet(PDF) 1 Page - ITT Industries

Part No. GP11MCBE
Description  Sealed Ultraminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

GP11MCBE Datasheet(HTML) 1 Page - ITT Industries

  GP11MCBE Datasheet HTML 1Page - ITT Industries GP11MCBE Datasheet HTML 2Page - ITT Industries GP11MCBE Datasheet HTML 3Page - ITT Industries GP11MCBE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A–75
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K GP Series
Sealed Ultraminiature Pushbutton Switches
GP12 Model
Terminal nos.
for reference only.
Features/Benefits
Ultraminiature design saves space
Process compatible, withstands most
soldering and washing processes
Thru-hole and surface mount models
available
Sealed construction—internal o-ring
and epoxy base
RoHS compliant
Typical Applications
Telecommunications and
network equipment
Computers and peripheral products
Instrumentation
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
PACKAGING: Surface mount switches standard in anti-static tape
and reel packaging per EIA 481-3, see page A-78 for drawings
and reel information.
All models are RoHS compliant and compliant.
Materials
HOUSING & BASE: Glass filled nylon 4/6, flame retardant, heat
stabilized (UL 94V-0).
ACTUATOR: Glass filled nylon 4/6, flame retardant (UL 94V-0)
with standard internal o-ring seal.
SWITCH SUPPORT: Brass, tin plated.
MOVABLE CONTACT: Copper alloy, with gold plate over nickel plate.
STATIONARY CONTACTS Copper alloy, with gold plate over
nickel plate.
TERMINALS: Copper alloy, with gold flash over nickel plate.
TERMINAL SEAL: Epoxy/Urethane. All terminals insert molded.
NOTE: Any models supplied with B contact material are RoHS compliant and compatible.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Materials listed above are general specifications. Specifications available for
specific and custom switches, consult Customer Service Center.
CAUTION: PC mounting layouts and pads as shown are designed to be compatible with the
latest equipment and reflow techniques. Care should be taken in the design and location of
PC lands to suit individual needs. Orientation relative to reflow direction may significantly
impact solder joint integrity.
How To Order
Complete part numbers for GP Series Sealed Ultraminiature Pushbutton Switches are shown on pages A-76 thru A-78.
SPDT
ON
MOM.
2-1
2-3
GP12MCBE
Conn. Terms.
SPST
OFF
MOM.
OPEN
1-3
GP11MCBE
Conn. Terms.
SCHEMATIC
SWITCH FUNCTION
POS.1
POS. 2
PART NUMBER
MOM. = Momentary
GP11MCBE
SPST


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn