Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FA0515RN02Q Datasheet(PDF) 1 Page - ITT Industries

Part No. FA0515RN02Q
Description  Miniature ROTA-SLIDE Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

FA0515RN02Q Datasheet(HTML) 1 Page - ITT Industries

  FA0515RN02Q Datasheet HTML 1Page - ITT Industries FA0515RN02Q Datasheet HTML 2Page - ITT Industries FA0515RN02Q Datasheet HTML 3Page - ITT Industries FA0515RN02Q Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L–41
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
Models Available
C&K F Series
Miniature ROTA-SLIDE® Rotary Switches
Features/Benefits
Multi-pole and multi-position
Panel and PCB mounting
Positive detent
Value added capability
Typical Applications
Small appliances
Testing fixtures
Safety equipment
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA). See page L-44 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º or 90º -one contact models; two contact models,
4 pos. max. Models with common terminal -90º, 4 pos. max.
OPERATING & STORAGE TEMPERATURE: -30ºC to 65ºC
Materials
HOUSING & BUSHING: 6/6 Nylon (UL 94V-2).
ACTUATOR: 6/6 nylon (UL 94V-2).
CONTACTS: Q contact material: Copper, silver plated. See page
L-44 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
L-44 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
MOUNTING NUT: Brass, nickel plated.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Custome Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-42 thru L-44. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
FA05 SP, 90° Index, 3 pos.
F103 SP, 45° Index, 3 pos.
F203 DP, 45° Index, 3 pos.
FA01 SPDT, 90° Index
FC03 SP, W/Common 90° Index, 3 pos.
Terminations
02
PC Thru-hole
WC Wire lead
Seal
NONE No seal
E
Epoxy seal
Contact Material
Q Silver
B Gold
Actuator
15 Screwdriver slot without bushing
08 .585" high with .156" flat
Mounting Style
RN PC
RS 5/16-32 threaded bushing


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H20307RR05QPower ROTA-SLIDE Rotary Switches 1 2 3 ITT Industries
MRS-2-5CKMiniature Rotary Gold Contacts Available 1 2 Tyco Electronics
1000Miniature Slide Switches 1 2 3 4 5 MoreITT Industries
E101J1ABE22Sealed Miniature Rocker and Lever Handle Switches 1 2 3 4 5 MoreITT Industries
E101MD1ABESealed Miniature Toggle Switches 1 2 3 4 5 MoreITT Industries
MMGGD1P0CMiniature Subminiature Precision Snap-acting Switches 1 2 3 ITT Industries
EC204B020AMolded Printed Wiring Rotary Switches 1 2 3 4 List of Unclassifed Manufacturers
A6RLow-cost Rotary DIP Switches 1 2 3 4 Omron Electronics LLC
3P0210000Miniature Pushwheel Switches 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A10015RNZQ1-4 Pole Rotary Switches 1 2 3 4 5 ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn