Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES01MCBE Datasheet(PDF) 1 Page - ITT Industries

Part No. ES01MCBE
Description  Sealed Tiny Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

ES01MCBE Datasheet(HTML) 1 Page - ITT Industries

  ES01MCBE Datasheet HTML 1Page - ITT Industries ES01MCBE Datasheet HTML 2Page - ITT Industries ES01MCBE Datasheet HTML 3Page - ITT Industries ES01MCBE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J–3
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K ES Series
Sealed Tiny Slide Switches
ES02 Models:
omit terminal 2.
PC MOUNTING
ES02 Models:
omit hole 2.
Features/Benefits
Process compatible—internal
o-ring and epoxy base seal
Thru-hole & surface mount models
Reliable contact design ensures
long electrical life
Robust actuator for easy actuation
RoHS compliant
Typical Applications
Computer peripherals &
network products
Test & measurement equipment
Telephone & cable modems
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: 50 m
Ω max. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9.
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
ESD ENDURANCE: 8kv min. (EIA 545).
PACKAGING: Thru-hole switches supplied in anti-static trays.
Surface mount switches available in tape and reel packaging.
Materials
HOUSING & BASE: Nylon (UL 94V-0).
ACTUATOR: LCP (UL 94V-0) black, standard.
SURFACE PLATE: Stainless steel with tin plate.
MOVABLE CONTACT: Bronze with gold plate over nickel plate.
STATIONARY CONTACTS: Copper alloy, with gold plate over
nickel plate.
TERMINALS: Copper alloy, with gold over nickel plate. All terminals
insert molded.
BASE & TERMINAL SEAL: Epoxy.
NOTE: All models RoHS compliant and compatible with all options. For the latest informa-
tion regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for ES Series Sealed Tiny Slide Switches are shown on pages J-4 through J-6. These unique tiny slide
switches are process compatible. An internal o-ring and epoxy base seal protects the switch from wave and reflow soldering,
as well as cleaning processes.
SCHEMATIC
SPST
OPEN
N/A
3-1
CONN. TERMINALS
OFF
NONE
ON
ES02MCBE
SCHEMATIC
SPDT
2-3
OPEN
2-1
CONN. TERMINALS
ON
NONE
ON
ON
OFF
ON
ES01MCBE
ES03MCBE
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
PART NUMBER
ES01MCBE
SPDT
Patent No. 6,008,458


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn