Electronic Components Datasheet Search |
|
DF52J12P2AHQF Datasheet(PDF) 1 Page - ITT Industries |
|
DF52J12P2AHQF Datasheet(HTML) 1 Page - ITT Industries |
1 / 4 page Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H Models Available C&K DF Series Power Rocker Switches Features/Benefits • Power switching up to 16 AMPS • Sub-panel and Front-panel mounting • PC and quick connect terminals • Multi-position and multi-pole function • Available in UL94V-0 grade materials • RoHS compliant Typical Applications • Computers • Power supplies • Appliances • Fitness equipment • Off-road vehicles Specifications CONTACT RATING: 16 AMPS @ 125, 250 V AC; 1/4 HP @ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC (UL/CSA); 16 (2) AMPS @ 250 V AC, T100 (VDE). DF52 & DF62: 6 AMPS @ 48 V DC (VDE). ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -20ºC to +85ºC Materials HOUSING & ACTUATOR: 6/6 nylon (UL 94V-2), black, finish: matte. CONTACTS: Fine silver, silver plated. TERMINALS: Copper, silver plated. CONTACT SPRING: Music wire or stainless steel. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H–79 thru H–82. For additional options not shown in catalog, consult Customer Service Center. Switch Function DF52 SPST, Off-On DF62 DPST, Off-On DF72 SPDT, Off-On-On Actuator J1 Rocker Actuator Color 2 Black 1 White Housing Style/Color S2 Sub-panel, black G2 Actuator guard, black P2 Panel, black S1 Sub-panel, white Contact Material QA Silver (UL/CSA) QF Silver (UL/CSA/VDE) Terminations 15 Quick connect A Right angle, PC thru-hole Actuator Markings NONE No marking D ON-OFF H O | P 0 – H-79 |
Similar Part No. - DF52J12P2AHQF |
|
Similar Description - DF52J12P2AHQF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |