Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90347APFV Datasheet(PDF) 58 Page - Fujitsu Component Limited.

Part # MB90347APFV
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347APFV Datasheet(HTML) 58 Page - Fujitsu Component Limited.

Back Button MB90347APFV Datasheet HTML 54Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 55Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 56Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 57Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 58Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 59Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 60Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 61Page - Fujitsu Component Limited. MB90347APFV Datasheet HTML 62Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
MB90340 Series
58
(3) Power On Reset
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
(4) Clock Output Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
Power off time
tOFF
VCC
1
ms
Due to repetitive operation
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
62.5
ns
fCP
= 16 MHz
41.76
ns
fCP
= 24 MHz
CLK
↑ → CLK ↓
tCHCL
CLK
20
ns
fCP
= 16 MHz
13
ns
fCP
= 24 MHz
VCC
VCC
VSS
3 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Holds RAM data
If you change the power supply voltage too rapidly, a power on reset may occur.
We recommend that you startup smoothly by restraining voltages when changing
the power supply voltage during operation, as shown in the figure below. Perform
while not using the PLL clock. However, if voltage drops are within 1 V/s, you can
operate while using the PLL clock.
We recommend a rise of
50 mV/ms maximum.
CLK
2.4 V
tCYC
2.4 V
0.8 V
tCHCL


Similar Part No. - MB90347APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90347CE FUJITSU-MB90347CE Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90347CE FUJITSU-MB90347CE Datasheet
1Mb / 84P
   16-bit Microcontroller
MB90347CEPF FUJITSU-MB90347CEPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90347CEPF CYPRESS-MB90347CEPF Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90347CEPFV FUJITSU-MB90347CEPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90347APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com