Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR31 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFR31
Description  N-channel field-effect transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR31 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFR31 Datasheet HTML 4Page - NXP Semiconductors BFR31 Datasheet HTML 5Page - NXP Semiconductors BFR31 Datasheet HTML 6Page - NXP Semiconductors BFR31 Datasheet HTML 7Page - NXP Semiconductors BFR31 Datasheet HTML 8Page - NXP Semiconductors BFR31 Datasheet HTML 9Page - NXP Semiconductors BFR31 Datasheet HTML 10Page - NXP Semiconductors BFR31 Datasheet HTML 11Page - NXP Semiconductors BFR31 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Dec 05
8
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
Fig.15 Feedback capacitance as a function of
gate-source voltage; typical values.
VDS = 10 V; f = 1 MHz; Tamb =25 °C.
handbook, halfpage
0
−5
−1
0
−0.2
−0.4
−0.6
−0.8
−1
−2
−3
Crs
(pF)
VGS (V)
−4
MDA668
Fig.16 Equivalent noise voltage source as a function of frequency; typical values.
VDS = 10 V; Tamb =25 °C.
(1) BFR31; ID = 1 mA.
(2) BFR30; ID = 4 mA.
handbook, full pagewidth
104
103
102
10
1
10
102
103
104
f (Hz)
105
106
MDA669
(1)
(2)
en
(nV/ Hz)


Similar Part No. - BFR31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFR31 ETC1-BFR31 Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
NXP Semiconductors
BFR31 NXP-BFR31 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Motorola, Inc
BFR31LT1 MOTOROLA-BFR31LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
logo
ON Semiconductor
BFR31LT1 ONSEMI-BFR31LT1 Datasheet
59Kb / 4P
   JFET Amplifiers(N-Channel)
February, 2005 ??Rev. 4
BFR31LT1G ONSEMI-BFR31LT1G Datasheet
59Kb / 4P
   JFET Amplifiers(N-Channel)
February, 2005 ??Rev. 4
More results

Similar Description - BFR31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ210 PHILIPS-PMBFJ210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
   N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
   N-channel field-effect transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
   N-Channel Field Effect Transistors
logo
NXP Semiconductors
PMBF5484 PHILIPS-PMBF5484 Datasheet
96Kb / 10P
   N-channel field-effect transistors
April 1995
J210 PHILIPS-J210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
List of Unclassifed Man...
SO4393 ETC1-SO4393 Datasheet
33Kb / 1P
   N CHANNEL FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com