Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90347APF Datasheet(PDF) 22 Page - Fujitsu Component Limited.

Part # MB90347APF
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347APF Datasheet(HTML) 22 Page - Fujitsu Component Limited.

Back Button MB90347APF Datasheet HTML 18Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 19Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 20Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 21Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 22Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 23Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 24Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 25Page - Fujitsu Component Limited. MB90347APF Datasheet HTML 26Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
MB90340 Series
22
(Continued)
Type
Circuit
Remarks
M
• CMOS level output (IOL = 4 mA, IOH
= −4 mA)
• CMOS inputs (With the standby-time
input shutdown function)
• Automotive input (With the standby-time
input shutdown function)
N
• CMOS level output (IOL = 4 mA, IOH
= −4 mA)
• CMOS inputs (With the standby-time
input shutdown function)
• Automotive input (With the standby-time
input shutdown function)
• TTL input (With the standby-time input
shutdown function)
Programmable pullup registor:50 k
approx
O
• CMOS level output(IOL = 4 mA, IOH
= −4 mA)
• CMOS inputs (With the standby-time
input shutdown function)
• Automotive input (With the standby-time
input shutdown function)
• A/D analog input
CMOS inputs
Automotive inputs
Standby control for
input shutdown
Pout
Nout
R
pull-up control
CMOS inputs
Automotive inputs
TTL input
Standby control for
input shutdown
Pout
Nout
R
CMOS inputs
Automotive inputs
Standby control for
input shutdown
Analog input
Pout
Nout
R


Similar Part No. - MB90347APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90347CE FUJITSU-MB90347CE Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90347CE FUJITSU-MB90347CE Datasheet
1Mb / 84P
   16-bit Microcontroller
MB90347CEPF FUJITSU-MB90347CEPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90347CEPF CYPRESS-MB90347CEPF Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90347CEPFV FUJITSU-MB90347CEPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90347APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com