Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90340 Datasheet(PDF) 33 Page - Fujitsu Component Limited.

Part # MB90340
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90340 Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Back Button MB90340 Datasheet HTML 29Page - Fujitsu Component Limited. MB90340 Datasheet HTML 30Page - Fujitsu Component Limited. MB90340 Datasheet HTML 31Page - Fujitsu Component Limited. MB90340 Datasheet HTML 32Page - Fujitsu Component Limited. MB90340 Datasheet HTML 33Page - Fujitsu Component Limited. MB90340 Datasheet HTML 34Page - Fujitsu Component Limited. MB90340 Datasheet HTML 35Page - Fujitsu Component Limited. MB90340 Datasheet HTML 36Page - Fujitsu Component Limited. MB90340 Datasheet HTML 37Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
MB90340 Series
33
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
60H
Timer Control Status 0
TMCSR0
R/W
16-bit Reload Timer 0
00000000
61H
Timer Control Status 0
TMCSR0
R/W
XXXX0000
62H
Timer Control Status 1
TMCSR1
R/W
16-bit Reload Timer 1
00000000
63H
Timer Control Status 1
TMCSR1
R/W
XXXX0000
64H
Timer Control Status 2
TMCSR2
R/W
16-bit Reload Timer 2
00000000
65H
Timer Control Status 2
TMCSR2
R/W
XXXX0000
66H
Timer Control Status 3
TMCSR3
R/W
16-bit Reload Timer 3
00000000
67H
Timer Control Status 3
TMCSR3
R/W
XXXX0000
68H
A/D Control Status 0
ADCS0
R/W
A/D Converter
000XXXX0
69H
A/D Control Status 1
ADCS1
R/W
0000000X
6AH
A/D Data 0
ADCR0
R
00000000
6BH
A/D Data 1
ADCR1
R
XXXXXX00
6CH
ADC Setting 0
ADSR0
R/W
00000000
6DH
ADC Setting 1
ADSR1
R/W
00000000
6EH
Reserved
6FH
ROM Mirror Function Select
ROMM
W
ROM Mirror
XXXXXXX1
70H to 8FH Reserved for CAN Interface 0/1. Refer to “s CAN CONTROLLERS”
90H to 9AH
Reserved
9BH
DMA Descriptor Channel Specified
DCSR
R/W
DMA
00000000
9CH
DMA Status L
DSRL
R/W
00000000
9DH
DMA Status H
DSRH
R/W
00000000
9EH
Address Detect Control Register 0
PACSR0
R/W
Address Match
Detection 0
00000000
9FH
Delayed Interrupt/release
DIRR
R/W
Delayed Interrupt
XXXXXXX0
A0H
Low-power Mode Control Register
LPMCR
W,R/W
Low Power
Control Circuit
00011000
A1H
Clock Selection Register
CKSCR
R,R/W
Low Power
Control Circuit
11111100
A2H, A3H
Reserved
A4H
DMA Stop Status
DSSR
R/W
DMA
00000000
A5H
Automatic ready function select reg.
ARSR
W
External Memory
Access
0011XX00
A6H
External address output control reg.
HACR
W
00000000
A7H
Bus control signal selection register
ECSR
W
0000000X
A8H
Watchdog Control Register
WDTC
R,W
Watchdog Timer
XXXXX111
A9H
Time Base Timer Control Register
TBTC
W,R/W
Time Base Timer
1XX00100


Similar Part No. - MB90340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E Datasheet
1Mb / 84P
   16-bit Microcontroller
logo
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E_10 Datasheet
568Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com