Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90340 Datasheet(PDF) 27 Page - Fujitsu Component Limited.

Part # MB90340
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90340 Datasheet(HTML) 27 Page - Fujitsu Component Limited.

Back Button MB90340 Datasheet HTML 23Page - Fujitsu Component Limited. MB90340 Datasheet HTML 24Page - Fujitsu Component Limited. MB90340 Datasheet HTML 25Page - Fujitsu Component Limited. MB90340 Datasheet HTML 26Page - Fujitsu Component Limited. MB90340 Datasheet HTML 27Page - Fujitsu Component Limited. MB90340 Datasheet HTML 28Page - Fujitsu Component Limited. MB90340 Datasheet HTML 29Page - Fujitsu Component Limited. MB90340 Datasheet HTML 30Page - Fujitsu Component Limited. MB90340 Datasheet HTML 31Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
MB90340 Series
27
MB90F342A(S), MB90F342CA(S), MB90F343A(S), MB90F343CA(S), MB90F345A(S), MB90F345CA(S), , MB90F346A(S),
MB90F346CA(S), MB90F347A(S), MB90F347CA(S), MB90F349A(S), MB90F349CA(S), MB90341A(S), MB90341CA(S),
MB90342A(S), MB90342CA(S), MB90346A(S), MB90346CA(S), MB90347A(S), MB90347CA(S), MB90348A(S),
MB90348CA(S), MB90349A(S), MB90349CA(S)
RAM
ROM/Flash
UART
Prescaler
10-bit ADC
16/24 ch
16-bit Reload
Timer 4 ch
IO Timer 0
Clock
Controller
Input
Capture
8 ch
Output
Compare
8 ch
CAN
Controller
External
Interrupt
16LX
CPU
X0,X1
RST
SOT3 to SOT0
SCK3 to SCK0
SIN3 to SIN0
AVCC
AVSS
AN15 to AN0
AVRH
AVRL
ADTG
TIN3 to TIN0
TOT3 to TOT0
IN7 to IN0
OUT7 to OUT0
RX0, RX1*3
TX0, TX1*3
INT15 to INT8
External
Bus
Interface
AD15 to AD00
A23 to A16
ALE
RD
WRL
WRH
HRQ
HAK
RDY
CLK
X0A,X1A*1
64 K/128 K
4 ch
IO Timer 1
FRCK0
FRCK1
8/16-bit
PPG
16 ch
PPGF to PPG0
1 ch/2 ch*3
4 ch
I2C
Interface
SDA1, SDA0*2
SCL1, SCL0*2
2 ch
AN23 to AN16*2
2 K/6 K/16 K/
20 K
256 K/384 K/
DMAC
*1 : Only for devices without ‘S’ Suffix
*2 : Only for devices with ‘C’ Suffix
*3 : Supported by MB90341A(S), 341CA(S), 342A(S), 342CA(S), F342A(S), F342CA(S), F343A(S), F343CA(S),
F345A(S), F345CA(S) only
Clock
Monitor
CKOT
(INT15R to INT8R)
INT7 to INT0
512 K


Similar Part No. - MB90340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E Datasheet
1Mb / 84P
   16-bit Microcontroller
logo
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E_10 Datasheet
568Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90340

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com