Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90340 Datasheet(PDF) 56 Page - Fujitsu Component Limited.

Part No. MB90340
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90340 Datasheet(HTML) 56 Page - Fujitsu Component Limited.

Back Button MB90340 Datasheet HTML 52Page - Fujitsu Component Limited. MB90340 Datasheet HTML 53Page - Fujitsu Component Limited. MB90340 Datasheet HTML 54Page - Fujitsu Component Limited. MB90340 Datasheet HTML 55Page - Fujitsu Component Limited. MB90340 Datasheet HTML 56Page - Fujitsu Component Limited. MB90340 Datasheet HTML 57Page - Fujitsu Component Limited. MB90340 Datasheet HTML 58Page - Fujitsu Component Limited. MB90340 Datasheet HTML 59Page - Fujitsu Component Limited. MB90340 Datasheet HTML 60Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
MB90340 Series
56
Guaranteed operation range of MB90340 series
* : When using the oscillation circuit, the maximum oscillation clock frequency is 16 MHz
External clock frequency and Machine clock frequency
24
5.5
3.5
1.5
4
Guaranteed operation range
Guaranteed PLL operation range
4.0
Guaranteed A/D Converter
operation range
Machine clock fCP (MHz)
24
4.0
16
12
3
4
12
24
External clock fC (MHz) *
x 4
x 3
x 2
x 1
x 1/2
(PLL off)
8
8
Guaranteed oscillation frequency range
1.5
16
x 6


Similar Part No. - MB90340

ManufacturerPart No.DatasheetDescription
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E Datasheet
1Mb / 84P
   16-bit Microcontroller
Cypress Semiconductor
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E_10 Datasheet
568Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90340

ManufacturerPart No.DatasheetDescription
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz