Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90340 Datasheet(PDF) 52 Page - Fujitsu Component Limited.

Part No. MB90340
Description  16-bit Proprietary Microcontroller CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90340 Datasheet(HTML) 52 Page - Fujitsu Component Limited.

Back Button MB90340 Datasheet HTML 48Page - Fujitsu Component Limited. MB90340 Datasheet HTML 49Page - Fujitsu Component Limited. MB90340 Datasheet HTML 50Page - Fujitsu Component Limited. MB90340 Datasheet HTML 51Page - Fujitsu Component Limited. MB90340 Datasheet HTML 52Page - Fujitsu Component Limited. MB90340 Datasheet HTML 53Page - Fujitsu Component Limited. MB90340 Datasheet HTML 54Page - Fujitsu Component Limited. MB90340 Datasheet HTML 55Page - Fujitsu Component Limited. MB90340 Datasheet HTML 56Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
MB90340 Series
52
2.
Recommended Conditions
(VSS
= AVSS = 0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.0
5.0
5.5
V
Under normal operation
3.5
5.0
5.5
V
Under normal operation, when not
using the A/D converter and not
Flash programming.
4.5
5.0
5.5
V
When External bus is used.
3.0
5.5
V
Maintains RAM data in stop mode
Smooth capacitor
CS
0.1
1.0
µF
Use a ceramic capacitor or capac-
itor of better AC characteristics.
Capacitor at the VCC should be
greater than this capacitor.
Operating temperature
TA
−40
+105
°C
C
CS
C Pin Connection Diagram


Similar Part No. - MB90340

ManufacturerPart No.DatasheetDescription
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E Datasheet
1Mb / 84P
   16-bit Microcontroller
Cypress Semiconductor
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90340E FUJITSU-MB90340E_10 Datasheet
568Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90340

ManufacturerPart No.DatasheetDescription
Fujitsu Component Limited.
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz