Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F394H Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part # MB90F394H
Description  16-bit Proprietary Microcontroller CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F394H Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90F394H Datasheet HTML 25Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 26Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 27Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 28Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 29Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 30Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 31Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 32Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
MB90390 Series
29
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
35ABH
I2C Clock Control Register
ICCR
R/W
I2C Interface
X0011111
35ACH to
35BFH
Reserved
35C0H
Parameter Register Low Byte
CMPRL
R/W
Clock Modulator
11111101
35C1H
Parameter Register High Byte
CMPRH
R/W
XX000010
35C2H
Clock Modulator Control Register
CMCR
R/W
00010000
35C3H to
35C8H
Reserved
35C9H
Input Capture Edge 0/1
ICE01
R/W
Input Capture 0/1
XXXXX0XX
35CAH
Input Capture Edge 2/3
ICE23
R
Input Capture 2/3
XXXXXXXX
35CBH
Input Capture Edge 4/5
ICE45
R/W
Input Capture 4/5
XXXXX0XX
35CCH to
35DFH
Reserved
35E0H
Detection Address Setting Register 0
(Low-order)
PADR0
R/W
Address Maching
Detection Function 0
XXXXXXXX
35E1H
Detection Address Setting Register 0
(Middle-order)
PADR0
R/W
XXXXXXXX
35E2H
Detection Address Setting Register 0
(High-order)
PADR0
R/W
XXXXXXXX
35E3H
Detection Address Setting Register 1
(Low-order)
PADR1
R/W
XXXXXXXX
35E4H
Detection Address Setting Register 1
(Middle-order)
PADR1
R/W
XXXXXXXX
35E5H
Detection Address Setting Register 1
(High-order)
PADR1
R/W
XXXXXXXX
35E6H to
35EFH
Reserved
35F0H
Detection Address Setting Register 3
(Low-order)
PADR3
R/W
Address Maching
Detection Function 1
XXXXXXXX
35F1H
Detection Address Setting Register 3
(Middle-order)
PADR3
R/W
XXXXXXXX
35F2H
Detection Address Setting Register 3
(High-order)
PADR3
R/W
XXXXXXXX
35F3H
Detection Address Setting Register 4
(Low-order)
PADR4
R/W
XXXXXXXX
35F4H
Detection Address Setting Register 4
(Middle-order)
PADR4
R/W
XXXXXXXX
35F5H
Detection Address Setting Register 4
(High-order)
PADR4
R/W
XXXXXXXX


Similar Part No. - MB90F394H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F394HA FUJITSU-MB90F394HA Datasheet
403Kb / 72P
   16-bit Microcontroller
MB90F394HA FUJITSU-MB90F394HA Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F394HAPMCR FUJITSU-MB90F394HAPMCR Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
930Kb / 71P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
403Kb / 72P
   16-bit Microcontroller
More results

Similar Description - MB90F394H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com