Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F394H Datasheet(PDF) 18 Page - Fujitsu Component Limited.

Part # MB90F394H
Description  16-bit Proprietary Microcontroller CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F394H Datasheet(HTML) 18 Page - Fujitsu Component Limited.

Back Button MB90F394H Datasheet HTML 14Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 15Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 16Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 17Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 18Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 19Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 20Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 21Page - Fujitsu Component Limited. MB90F394H Datasheet HTML 22Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
MB90390 Series
18
s
s
s
s BLOCK DIAGRAMS
MB90V390
SOT3 to SOT0
SCK3 to SCK0
SIN3 to SIN0
SOT4
SCK4
SIN4
WOT
AVcc
AVss
AN14 to AN0
AVRH
AVRL
ADTG
X0, X1
RST
Clock
Controller
PPG05 to PPG00
PPG15 to PPG10
PWM1M5 to PWM1M0
PWM1P5 to PWM1P0
PWM2M5 to PWM2M0
PWM2P5 to PWM2P0
DVcc3 to DVcc0
DVss3 to DVss0
RX4 to RX0
TX4 to TX0
INT7 to INT0
SGO
SGA
SDA
SCL
10-bit ADC
15 ch
8/16-bit
PPG
6 ch
CAN
5 ch
SMC
6 ch
External
Interrupt
Sound
Generator
I2C
Interface
16-bit Reload
Timer 2 ch
16LX
CPU
Watch
Timer
UART 4 ch
(1 ch SCI)
Input
Capture
6 ch
Output
Compare
8 ch
RAM 16 K
Serial I/O
Prescaler x4
I/O Timer 0
FRCK0
FRCK1
IN5 to IN0
OUT7 to OUT0
I/O Timer 1
Prescaler
TIN1, TIN0
TOT1, TOT0


Similar Part No. - MB90F394H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F394HA FUJITSU-MB90F394HA Datasheet
403Kb / 72P
   16-bit Microcontroller
MB90F394HA FUJITSU-MB90F394HA Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F394HAPMCR FUJITSU-MB90F394HAPMCR Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
930Kb / 71P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
403Kb / 72P
   16-bit Microcontroller
More results

Similar Description - MB90F394H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com