Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH104V2-450 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # ENH104V2-450
Description  Color TFT-LCD Module Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH104V2-450 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  ENH104V2-450 Datasheet HTML 1Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 2Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 3Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 4Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ENH104V2-380/450/600
Original specifications created by Sharp.
4
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
Display Systems Division
August 2003
Rev. 0
Pin No.
Symbol
Function
1
GND
-
2
DCK
Clock signal for sampling each data signal
3
HD
Horizontal synchronous signal
4
VD
Vertical synchronous signal
5
GND
-
6
R0
RED data signal (LSB)
7
R1
RED data signal
8
R2
RED data signal
9
R3
RED data signal
10
R4
RED data signal
11
R5
RED data signal (MSB)
12
GND
-
13
G0
GREEN data signal (LSB)
14
G1
GREEN data signal
15
G2
GREEN data signal
16
G3
GREEN data signal
17
G4
GREEN data signal
18
G5
GREEN data signal (MSB)
19
GND
-
20
B0
BLUE data signal (LSB)
21
B1
BLUE data signal
22
B2
BLUE data signal
23
B3
BLUE data signal
24
B4
BLUE data signal
25
B5
BLUE data signal (MSB)
26
GND
-
27
DENA
Data enable signal(to settle the viewing area)
28
VCC
+3.3/5.0V power supply
29
VCC
+3.3/5.0V power supply
30
TEST
This pin should be open. Test signal output for only internal test use.
31
SC
Scan direction Control. (GND or Open: Normal, High: Reverse)
INTERPACE PIN CONNECTIONS
Note:
1.
The shielding case is connected with GND.
2.
See; Timing Chart (p. 7)
CN1 (Interface Signal)
Used Connector: DF9B-31P-1V (Hirose)/Corresponding connector: DF9B-31S-1V(Hirose)
CN2, CN3 (Backlight)
Backlight-side connector: BHR-02(8.0)VS-1N(JST) Inverter-Side Connector: SM02(8.0)B-BHS(JST)
Pin No.
Symbol
Function
1
CTH
VBLH High Voltage
3
CTL
VBLL Low Voltage
Note:
VBLH-VBLL-VL


Similar Part No. - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH104V2-450 WEDC-ENH104V2-450 Datasheet
136Kb / 15P
   ENH104V2-380/450/600 Color TFT-LCD Module Features
More results

Similar Description - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com