Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH104V2-450 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # ENH104V2-450
Description  Color TFT-LCD Module Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH104V2-450 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  ENH104V2-450 Datasheet HTML 1Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 2Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 3Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 4Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH104V2-450 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ENH104V2-380/450/600
Original specifications created by Sharp.
3
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
Display Systems Division
August 2003
Rev. 0
Notes:
1.
Power and signals sequence:
t1 < 10ms
400ms < t5
0 < t2 < 50ms
200ms < t6
0 < t3 < 50ms
0 < t7
0 < t4 < 50ms
t1
t2
t3
Data
0.9VCC
0.9VCC
0.1VCC
VCC
t4
t5
t6
t7
Backlight
Data: RGB DATA, DCLK, HD, VD, DENA
0.1VCC
0.1VCC
td
VCC
td
VCC
VCC-dip conditions
A.
3.3V powered
1. When 2.4 V < VCC < 3.0V, td <10ms
.
2. When VCC < 2.4V
VCC-dip conditions should also follow the power and signals sequence.
B.
5.0V powered
1. When 3.6 V < VCC < 4.5V, td <10ms
.
2. When VCC < 3.6V
VCC-dip conditions should also follow the power and signals sequence.
B.
Typical current conditions:
64-gray-bar-pattern
480 line mode
VCC = +3.3/5.0 V, fH=31.6kHz, fv=60Hz, fCK=25MHz


Similar Part No. - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH104V2-450 WEDC-ENH104V2-450 Datasheet
136Kb / 15P
   ENH104V2-380/450/600 Color TFT-LCD Module Features
More results

Similar Description - ENH104V2-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com