Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH057Q1-350 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # ENH057Q1-350
Description  Color TFT-LCD Module Features GENERAL DESCRIPTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH057Q1-350 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  ENH057Q1-350 Datasheet HTML 1Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 2Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 3Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 4Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 5Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 6Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 7Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 8Page - White Electronic Designs Corporation ENH057Q1-350 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ENH057Q1-350/450/600
Original specifications created by Sharp.
3
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
September 2003
Rev. 0
White Electronic Designs
Display Systems Division
BACKLIGHT DRIVING
Parameter
Symbol
Condition
Ratings
Unit
Remark
Input voltage
VI
tA=25°C
-0.3~ + 6.0
V
(1)
+3.3V supply voltage
VCC
tA=25°C
0~ + 4.0
V
-
Storage temperature
tSTG
-
-30~ + 80
°C
(2)
Operating temperature (Panel)
Topa1
-
-10~ + 70
°C
(2, 3, 4)
Operating temperature (Ambient)
Topa2
-
-10~ + 70
°C
(5)
ABSOLUTE MAXIMUM RATINGS
Notes:
1.
CK, RO~R5, G0~G5, B0`B5, HSYNC, VSYNC, ENAB, R/L, U/D, V/Q.
2.
No parameter is allowed to exceed the range on the surface of the display.
3.
Maximum wet-bulb temperature at 39°C or less. No dew condensation.
4.
Only operation is guarantgeed at operating temperature. Contrast, response time, another display quality are evaluated at =25°C.
5.
The ambient temperature, when backlight is on. (Reference)
Pin No.
Symbol
Function
Color of Cable
1VLOW
Power supply for lamp (Low voltage side)
White
2
NC
This is electrically opened
-
3VHIGH
Power supply for lamp (High voltage side)
Red
CN2
Used connector: BHR-2(8.0)VS-1N (JST)
Corresponding connector: SM02(8.0)B-BHS-1N-TB
(JST)
(installed on a board.)
WEDC
WEDC
R/L= L, U/D=H
R/L= H, U/D= H
R/L= L, U/D=L
R/L= H, U/D= L


Similar Part No. - ENH057Q1-350

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH057Q1-350 WEDC-ENH057Q1-350 Datasheet
151Kb / 16P
   ENH057Q1-350/450/600 Color TFT-LCD Module Features
More results

Similar Description - ENH057Q1-350

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH050Q1-XXX WEDC-ENH050Q1-XXX Datasheet
325Kb / 21P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com