Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH050Q1-450 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # ENH050Q1-450
Description  Color TFT-LCD Module Features GENERAL DESCRIPTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

ENH050Q1-450 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button ENH050Q1-450 Datasheet HTML 4Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 5Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 6Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 7Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 8Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 9Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 10Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 11Page - White Electronic Designs Corporation ENH050Q1-450 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ENH050Q1-320/450/600
Original specifications created by Sharp.
8
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
4.
Response time is obtained by measuring the transition time of photodetector output, when input signals are applied so as to make the area
"black" from "white" and "white" from "black".
5.
Measured on th ecenter area of the panel at a viewing cone 1° by TOPCON luminance meter BM-7. (After 30 minutes operation) DC/AC inverter driving frequency : 49kHz
6.
Lamp life time is defined as the time when either "a" or "b" occurs in the continuous operation under the condition of lamp current IL=3~7.
0mArms and PWM dimming 100%~5%. (tA=25°C)
a.
Brightness becomes 50% of the original value.
b.
Kick off voltage at tA=30°C exceeds maximum value, 1500Vrms.
7.
The intermittent cycle is defined as a time when brightness becomes 50% of the original value under the condition of following cycle.
Ambient temperature: -30°C
100%
90%
10%
0%
white
white
black
time
tr
td
HIGH (6.5mArms)
OFF
5 min. 5 min. 5 min. 5 min.


Similar Part No. - ENH050Q1-450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENH050Q1-650 ETC-ENH050Q1-650 Datasheet
71Kb / 1P
   ENH050Q1-650 COLOR THT-LCD MODULE FEATURES
More results

Similar Description - ENH050Q1-450

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH057Q1-XXX WEDC-ENH057Q1-XXX Datasheet
139Kb / 16P
   Color TFT-LCD Module Features GENERAL DESCRIPTION
ENH150X1-200 WEDC-ENH150X1-200 Datasheet
346Kb / 14P
   Color TFT-LCD Module Features
ENH181E1-XXX WEDC-ENH181E1-XXX Datasheet
388Kb / 17P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH104V1-XXX WEDC-ENH104V1-XXX Datasheet
162Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-600 WEDC-ENH064V1-600 Datasheet
41Kb / 1P
   Color TFT-LCD MODULE FEATURES
ENH064V1-XXX WEDC-ENH064V1-XXX Datasheet
165Kb / 16P
   Color TFT-LCD Module Features
ENH104V2-XXX WEDC-ENH104V2-XXX Datasheet
312Kb / 15P
   Color TFT-LCD Module Features
ENH064V1-800 WEDC-ENH064V1-800 Datasheet
186Kb / 15P
   ENH064V1-800 Color TFT-LCD Module Features
ENH104V1-350 WEDC-ENH104V1-350 Datasheet
170Kb / 15P
   ENH104V1-350/450 Color TFT-LCD Module Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com