Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58621LMG Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY58621LMG
Description  Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58621LMG Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY58621LMG Datasheet HTML 7Page - Micrel Semiconductor SY58621LMG Datasheet HTML 8Page - Micrel Semiconductor SY58621LMG Datasheet HTML 9Page - Micrel Semiconductor SY58621LMG Datasheet HTML 10Page - Micrel Semiconductor SY58621LMG Datasheet HTML 11Page - Micrel Semiconductor SY58621LMG Datasheet HTML 12Page - Micrel Semiconductor SY58621LMG Datasheet HTML 13Page - Micrel Semiconductor SY58621LMG Datasheet HTML 14Page - Micrel Semiconductor SY58621LMG Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
SY58621L
January 2006
11
M9999-012006-B
hbwhelp@micrel.com or (408) 955-1690
Detailed Description
Receiver
The receiver AC-coupled differential input distributes
data to 3.2Gbps with signals as small as 10mV
(20mVPP) or as large as 900mV (1.8VPP). The receiver
input features an internal 50
Ω input termination
connected to an internal reference which optimizes
the inputs for AC-coupled signals. Input signals are
linearly amplified with 38dB of differential gain and the
output signal is limited to 400mV (800mVPP).
The receiver output buffer features 50
Ω source
termination resistors and a current source that
provides
400mV
(800mVPP)
swing
into
50
termination. The output buffers terminates to standard
CML loads (100
Ω across the output pair or
equivalent). See the “Output Stage Receiver” section
for more details.
Transmitter
The transmitter differential input includes Micrel’s
unique, patented 3-pin input termination architecture
that directly interfaces to any (AC- or DC-coupled)
differential signal as small as 100mV (200mVPP)
without any termination resistor network in the signal
path.
The transmitter output buffer terminates to standard
LVPECL loads (RL = 50_ to VCC_TXQ-2V). The output buffer
is a special variable swing LVPECL buffer controlled by
TXVCTRL. The output buffer features emitter follower
output that provides 80mV (160mVPP) to 800mV (1.6VPP)
swing into 50_ transmission lines. See the next section
and Figures 1a and 1b for more details on how to control
the variable output swing feature.
Figure 1a. Voltage Source Implementation
Figure 1b. Alternative Implementation
Transmitter PECL Variable-Swing Output Buffer
• Connecting VREF_CTRL to TXVCTRL sets the
transmitter output buffer to maximum swing
• Setting TXVCTRL to VCC_TXQ, sets the transmitter
output buffer to minimum swing
• Control of the transmitter output swing buffers can
be obtained by using a variable resistor connected
between VREF_CTRL and VCC_TXQ with a wiper
connected to TXVCTRL as shown in Figure 1b
Receiver LOS
The SY58621L features a chatter-free Loss-of-Signal
(LOS) TTL compatible output with an internal 4.75k
pull-up resistor. LOS circuitry monitors the input
receiver signal and asserts a signal when the input
signal
falls
below
the
threshold
set
by
the
programmable LOS level set pin (LOSLVL). When the
amplitude of the receiver input signal falls below the
threshold, LOS is asserted HIGH with a response time
of ~0.2uS. LOS can be fed into /RXEN to maintain
output stability by disabling the output during a Loss-
of-Signal condition. Figure 2a and 2b shows the LOS
connection to /RXEN. When /RXEN is HIGH, the
output signal RXQ is held LOW and /RXQ is held
HIGH. Typically, 2dB of LOS hysteresis is adequate to
prevent the receiver output from chattering. LOS
operation is optimized for data rates
≥622Mbps with
an input receiver amplitude of at least 10mV
(20mVPP). Due to the long time constant in slower
data rates below 622Mbps, the SY58621L LOS
function does not guarantee chatter-free operation for
low amplitude signals.
LOSLVL sets the threshold of the LOS input amplitude
detection. Connecting an external resistor, RLOSLVL,
between VCC and LOSLVL sets the input amplitude


Similar Part No. - SY58621LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621LMG MICREL-SY58621LMG Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58621LMGTR MICREL-SY58621LMGTR Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
More results

Similar Description - SY58621LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY89297U MICREL-SY89297U Datasheet
609Kb / 15P
   2.5/3.3V, 3.2Gbps Precision CML
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com