Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H15B1 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # H15B1
Description  500 mW Zener Diode 1.7 to 37.2 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

H15B1 Datasheet(HTML) 4 Page - Micro Commercial Components

  H15B1 Datasheet HTML 1Page - Micro Commercial Components H15B1 Datasheet HTML 2Page - Micro Commercial Components H15B1 Datasheet HTML 3Page - Micro Commercial Components H15B1 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
ZENER VOLTAGE
VZ @ IZT
VOLTS
TEST CURRENT
IZT
Dynamic Resistance
rd (Max)
IZ
REVERSE CURRENT
IR (Max)
@
VR
Type
Grade
Min
Max
mA
OHMS
mA
µA
VOLTS
1
20.9
21.9
2.0
65
2.0
1.0
17
2
21.6
22.6
2.0
65
2.0
1.0
17
H22
3
22.3
23.3
2.0
65
2.0
1.0
17
1
22.9
24.0
2.0
70
2.0
1.0
19
2
23.6
24.7
2.0
70
2.0
1.0
19
H24
3
24.3
25.5
2.0
70
2.0
1.0
19
1
25.2
26.6
2.0
80
2.0
1.0
21.0
2
26.2
27.6
2.0
80
2.0
1.0
21.0
H27
3
27.2
28.6
2.0
80
2.0
1.0
21.0
1
28.2
29.6
2.0
100
2.0
1.0
23.0
2
29.2
30.6
2.0
100
2.0
1.0
23.0
H30
3
30.2
31.6
2.0
100
2.0
1.0
23.0
1
31.2
32.6
2.0
120
2.0
1.0
25.0
2
32.2
33.6
2.0
120
2.0
1.0
25.0
H33
3
33.2
34.6
2.0
120
2.0
1.0
25.0
1
34.2
35.7
2.0
140
2.0
1.0
27.0
2
35.3
36.8
2.0
140
2.0
1.0
27.0
H36
3
36.4
38.0
2.0
140
2.0
1.0
27.0
H2 Series thru H36 Series
www.mccsemi.com
MCC


Similar Part No. - H15B1

ManufacturerPart #DatasheetDescription
logo
Power-One
H15 POWER-ONE-H15 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
logo
Cooper Bussmann, Inc.
H15-H-1 COOPER-H15-H-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Eaton All Rights Reserv...
H15-H-1 EATON-H15-H-1 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
More results

Similar Description - H15B1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B1 MCC-H11-B1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B2 MCC-H11-B2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H12-A2 MCC-H12-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H12-A3 MCC-H12-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-A1 MCC-H11-A1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H11-B3 MCC-H11-B3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com