Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QL16X24B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. QL16X24B
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL16X24B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 9Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
QL16x24B
4-26
CPGA 144 Function/Connector Table
PIN
FUNC
PIN
FUNC
PIN
FUNC
PIN
FUNC
A2
IO
B15
IO
R14
IO
P1
IO
B3
IO
C14
IO
P13
IO
N2
IO
C4
IO
D13
IO
N12
IO
M3
IO
A3
IO
C15
IO
R13
IO
N1
IO
B4
IO
D14
IO
P12
IO
M2
IO
A4
IO
E13
VCC
R12
IO
L3
VCC
C3
VCC
D15
IO
N13
VCC
M1
IO
B5
IO
E14
IO
P11
IO
L2
IO
A5
IO
E15
IO
R11
IO
L1
IO
C6
IO
F13
IO
N10
IO
K3
IO
B6
IO
F14
IO
P10
IO
K2
IO
A6
IO
F15
IO
R10
IO
K1
IO
A7
IO
G15
IO
R9
IO
J1
IO
B7
IO
C13
GND
P9
IO
N3
GND
C5
GND
G14
IO
N11
GND
J2
IO
A8
IO
H15
IO
R8
IO
H1
IO
B8
I/(SCLK)
H14
IO
P8
I/(SI)
H2
IO
C8
I/CLK/(SM)
G13
GND
N8
I/CLK
J3
GND
C7
VCC
H13
IO
N9
VCC
H3
IO
A9
I/(P)
J15
IO
R7
I
G1
IO
B9
I
J14
IO
P7
I/(SO)
G2
IO
C11
VCC
J13
VCC
N5
VCC
G3
VCC
A10
IO
K15
IO
R6
IO
F1
IO
A11
IO
L15
IO
R5
IO
E1
IO
B10
IO
K14
IO
P6
IO
F2
IO
A12
IO
M15
IO
R4
IO
D1
IO
B11
IO
L14
IO
P5
IO
E2
IO
C10
IO
K13
IO
N6
IO
F3
IO
A13
IO
N15
IO
R3
IO
C1
IO
C9
GND
L13
GND
N7
GND
E3
GND
B12
IO
M14
IO
P4
IO
D2
IO
A14
IO
P15
IO
R2
IO
B1
IO
B13
IO
N14
IO
P3
IO
C2
IO
C12
IO
M13
IO
N4
IO
D3
IO
A15
IO
R15
IO
R1
IO
A1
IO
B14
IO
P14
nc
P2
IO
B2
nc


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QL8X12B Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA 1  2  3  4  5  More List of Unclassifed Manufacturers
V61C16 V61C16 FAMILY HIGH PERFORMANCE LOW POWER 2k x 8 BIT CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
PLL500-17B Low Power CMOS Output VCXO Family 17MHz to 130MHz 1  2  3  4  5  PhaseLink Corporation
QL2009 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
MT8985 CMOS ST-BUS™ FAMILY Enhanced Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
PCF85 PCF85xxC-2 family 256 to 1024 ´ 8-bit CMOS EEPROMs with I2C-bus interface 1  2  3  4  5  More Integrated Circuit Systems
MT3S35T CMOS ST-BUS Family Multiple Rate Digital Switch 1  2  3  4  Toshiba Semiconductor
S3C8835 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
PLL500-27 Low Power CMOS Output VCXO Family 27MHz to 200MHz 1  2  3  4  5  PhaseLink Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn