Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QL16X24B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. QL16X24B
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL16X24B Datasheet HTML 1Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
QL16x24B
4-22
The QL16x24B is a member of the pASIC 1 Family of very-high-speed
CMOS user-programmable ASIC devices. The 384 logic cell field-
programmable gate array (FPGA) offers 4,000 usable ASIC gates
(equivalent to 7,000 PLD gates) of high-performance general-purpose
logic in 84-pin PLCC, 100-pin and 144-pin TQFP, 144-pin CPGA, and
160-pin CQFP.
Low-impedance,
metal-to-metal,
ViaLink
interconnect
technology
provides nonvolatile custom logic capable of operating above 150 MHz.
Logic cell delays under 2 ns, combined with input delays of under 1.5 ns
and output delays under 3 ns, permit high-density programmable devices
to be used with today’s fastest microprocessors and DSPs.
Designs can be entered using QuickLogic’s QuickWorks Toolkit or most
populart third-party CAE tools. QuickWorks combines Verilog/VHDL
design entry and simulation tools with device-specific place & route and
programming software. Ample on-chip routing channels allow fast, fully
automatic place and route of designs using up to 100% of the logic and
I/O cells, while maintaining fixed pin-outs.
Total of 122 I/O pins
– 114 Bidirectional Input/Output pins
– 6 Dedicated Input/High-Drive pins
– 2 Clock/Dedicated input pins with fanout-independent, low-skew
clock networks
Input + logic cell + output delays under 6 ns
Chip-to-chip operating frequencies up to 110 MHz
Internal state machine frequencies up to 150 MHz
Clock skew < 0.5 ns
Input hysteresis provides high noise immunity
Built-in scan path permits 100% factory testing of logic and I/O cells
and functional testing with Automatic Test Vector Generation
(ATVG) software after programming
Packages are 84-pin PLCC, 100-pin and 144-pin TQFP, 144-pin
CPGA, and 160-pin CQFP
84-pin PLCC compatible with QL12x16B
100-pin TQFP compatible with QL8x12B and QL12x16B
144-pin TQFP compatible with QL24x32B
0.65µ CMOS process with ViaLink programming technology
FEATURES
PRODUCT
SUMMARY


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QL8X12B Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA 1  2  3  4  5  More List of Unclassifed Manufacturers
V61C16 V61C16 FAMILY HIGH PERFORMANCE LOW POWER 2k x 8 BIT CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
PLL500-17B Low Power CMOS Output VCXO Family 17MHz to 130MHz 1  2  3  4  5  PhaseLink Corporation
QL2009 3.3V and 5.0V pASIC 2 FPGA Combining Speed Density Low Cost and Flexibility 1  2  3  4  5  More List of Unclassifed Manufacturers
MT8985 CMOS ST-BUS™ FAMILY Enhanced Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
PCF85 PCF85xxC-2 family 256 to 1024 ´ 8-bit CMOS EEPROMs with I2C-bus interface 1  2  3  4  5  More Integrated Circuit Systems
MT3S35T CMOS ST-BUS Family Multiple Rate Digital Switch 1  2  3  4  Toshiba Semiconductor
S3C8835 SAM87 family of 8-bit single-chip CMOS microcontrollers 1  2  3  4  5  More Samsung semiconductor
PLL500-27 Low Power CMOS Output VCXO Family 27MHz to 200MHz 1  2  3  4  5  PhaseLink Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn