Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ96GA008 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ96GA008
Description  General Purpose, 16-Bit Flash Microcontrollers
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ96GA008 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ96GA008 Datasheet HTML 1Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 2Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 3Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 4Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 5Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 6Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 7Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 8Page - Microchip Technology PIC24FJ96GA008 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 232 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39747C-page 1
PIC24FJ128GA FAMILY
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS operation @ 32 MHz
• 8 MHz internal oscillator:
- 4x PLL option
- Multiple divide options
• 17-bit x 17-bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-bit by 16-bit Hardware Divider
• 16 x 16-bit Working Register Array
• C compiler Optimized Instruction Set Architecture:
- 76 base instructions
- Flexible addressing modes
• Linear Program Memory Addressing up to 12 Mbytes
• Linear Data Memory Addressing up to 64 Kbytes
• Two Address Generation Units for separate Read
and Write Addressing of Data Memory
Special Microcontroller Features:
• Operating Voltage Range of 2.0V to 3.6V
• Flash Program Memory:
- 1000 erase/write cycles, typical
- Flash retention 20 years, typical
• Self-Reprogrammable under Software Control
• Selectable Power Management modes:
- Sleep, Idle and Alternate Clock modes
• Fail-Safe Clock Monitor operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• On-Chip LDO Regulator
• JTAG Boundary Scan and Programming Support
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for reliable operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via 2 pins
Analog Features:
• 10-bit, up to 16-channel Analog-to-Digital Converter
(A/D):
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Analog Comparators with Programmable
Input/Output Configuration
Peripheral Features:
• Two 3-wire/4-wire SPI modules, supporting 4 Frame
modes with 4-level FIFO Buffer
•Two I2C™ modules support Multi-Master/Slave
mode and 7-bit/10-bit Addressing
• Two UART modules:
- Supports RS-232, RS-485 and LIN 1.2
- Supports IrDA® with on-chip hardware endec
- Auto-Wake-up on Start bit
- Auto-Baud Detect
- 4-level FIFO buffer
• Parallel Master Slave Port (PMP/PSP):
- Supports 8-bit or 16-bit data
- Supports 16 address lines
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• Five 16-bit Timers/Counters with Programmable
prescaler
• Five 16-bit Capture Inputs
• Five 16-bit Compare/PWM Outputs
• High-Current Sink/Source on select I/O pins:
18 mA/18 mA
• Configurable Open-Drain Output on Digital I/O pins
• Up to 5 External Interrupt Sources
Device
Pins
Program
Memory
(Bytes)
SRAM
(Bytes)
Timers
16-bit
SPI
I2C™
10-bit
A/D (ch)
PIC24FJ64GA006
64
64K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ96GA006
64
96K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ128GA006
64
128K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ64GA008
80
64K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ96GA008
80
96K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ128GA008
80
128K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ64GA010
100
64K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ96GA010
100
96K
8K
5
5
5
2
2
2
16
2
Y
Y
PIC24FJ128GA010
100
128K
8K
5
5
5
2
2
2
16
2
Y
Y
General Purpose, 16-bit Flash Microcontrollers


Similar Part No. - PIC24FJ96GA008

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ96GA008 MICROCHIP-PIC24FJ96GA008 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC24FJ96GA008 MICROCHIP-PIC24FJ96GA008 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ96GA008 MICROCHIP-PIC24FJ96GA008 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ96GA008 MICROCHIP-PIC24FJ96GA008 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ96GA008 MICROCHIP-PIC24FJ96GA008 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ96GA008

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ32GA002-I MICROCHIP-PIC24FJ32GA002-I Datasheet
1Mb / 268P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
01/05/10
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_08 Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_13 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_12 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ64GA108-I MICROCHIP-PIC24FJ64GA108-I Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
08/04/10
PIC24FJ128GA010-IPF MICROCHIP-PIC24FJ128GA010-IPF Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_09 Datasheet
3Mb / 240P
   64/80/100-Pin General Purpose, 16-Bit Flash Microcontrollers
2009
PIC24FJ64GA006-I MICROCHIP-PIC24FJ64GA006-I Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA006-IPT MICROCHIP-PIC24FJ128GA006-IPT Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com