Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3385 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3385
Description  8MHz Power System Module with LDO Standby Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3385 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3385 Datasheet HTML 1Page - Micrel Semiconductor MIC3385 Datasheet HTML 2Page - Micrel Semiconductor MIC3385 Datasheet HTML 3Page - Micrel Semiconductor MIC3385 Datasheet HTML 4Page - Micrel Semiconductor MIC3385 Datasheet HTML 5Page - Micrel Semiconductor MIC3385 Datasheet HTML 6Page - Micrel Semiconductor MIC3385 Datasheet HTML 7Page - Micrel Semiconductor MIC3385 Datasheet HTML 8Page - Micrel Semiconductor MIC3385 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC3385
November 2006
5
M9999-111006-A
Typical Characteristics ― PWM Mode
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
2.5VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.8VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.5VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
0
100
200
300
400
500
1.2VOUT Efficiency
VIN=3.2V
VIN=3.6V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.0VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V
0.990
0
Load Regulation
0.994
0.998
1.002
1.006
1.010
1.014
1.018
OUTPUT CURRENT (mA)
100
200
300
400
500
VIN=3.6V
/LowQ=VIN
600
700
800
900
1000
1100
2.7
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7 5.1 5.5
7.0
7.5
8.0
8.5
9.0
2.7
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7 5.1 5.5


Similar Part No. - MIC3385

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385-1.5YHL MICREL-MIC3385-1.5YHL Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385-1.5YHL MICREL-MIC3385-1.5YHL Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385YHL MICREL-MIC3385YHL Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385YHL MICREL-MIC3385YHL Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
More results

Similar Description - MIC3385

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
   8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
   8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
   4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
NXP Semiconductors
UJA1163A NXP-UJA1163A Datasheet
478Kb / 32P
   Mini high-speed CAN system basis chip with Standby mode
Rev. 1 ??23 August 2019
logo
Leshan Radio Company
LR8555 LRC-LR8555 Datasheet
635Kb / 9P
   Low noise 150mA LDO regulator Standby Mode : 0.1
logo
NXP Semiconductors
UJA1163 NXP-UJA1163 Datasheet
543Kb / 28P
   Mini high-speed CAN system basis chip with Standby mode
Rev. 1-1 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com