Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1220IUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL1220IUZ
Description  I2C짰 Real Time Clock/Calendar with Frequency Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1220IUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL1220IUZ Datasheet HTML 1Page - Intersil Corporation ISL1220IUZ Datasheet HTML 2Page - Intersil Corporation ISL1220IUZ Datasheet HTML 3Page - Intersil Corporation ISL1220IUZ Datasheet HTML 4Page - Intersil Corporation ISL1220IUZ Datasheet HTML 5Page - Intersil Corporation ISL1220IUZ Datasheet HTML 6Page - Intersil Corporation ISL1220IUZ Datasheet HTML 7Page - Intersil Corporation ISL1220IUZ Datasheet HTML 8Page - Intersil Corporation ISL1220IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN6315.0
June 22, 2006
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x
VDD
VDD +
0.3
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
0.05 x
VDD
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
00.4
V
Cpin
SDA and SCL Pin Capacitance
TA = 25°C, f = 1MHz, VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD, until
SDA exits the 30% to 70% of VDD window.
900
ns
tBUF
Time the Bus Must be Free before
the Start of a New Transmission
SDA crossing 70% of VDD during a STOP
condition, to SDA crossing 70% of VDD
during the following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VDD
to SCL falling edge crossing 70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VDD
window, to SCL rising edge crossing 30% of
VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30% of VDD
to SDA entering the 30% to 70% of VDD
window.
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VDD,
to SDA rising edge crossing 30% of VDD.
600
ns
tHD:STO
STOP condItion Hold Time
From SDA rising edge to SCL falling edge.
Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VDD,
until SDA enters the 30% to 70% of VDD
window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1 x Cb
300
ns
6
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1 x Cb
300
ns
6
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
6
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2~2.5k
Ω.
For Cb = 40pF, max is about 15~20k
1k
6
NOTES:
2. IRQ and FOUT Inactive.
3. LPMODE = 0 (default).
4. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
5. Typical values are for T = 25°C and 3.3V supply voltage.
6. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
7. A write to register 08h should only be done if VDD > VBAT, otherwise the device will be unable to communicate using I
2C.
Serial Interface Specifications
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
ISL1220


Similar Part No. - ISL1220IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1220IUZ-T RENESAS-ISL1220IUZ-T Datasheet
895Kb / 21P
   Low Power RTC with 8 Bytes of Battery Backed SRAM and Separate FOUT
More results

Similar Description - ISL1220IUZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com