Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADT7485A Datasheet(PDF) 6 Page - Analog Devices

Part No. ADT7485A
Description  SST Digital Temperature Sensor and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADT7485A Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADT7485A
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
VCC 1
GND 2
D1+ 3
D1– 4
12V 5
SST
10
ADD
9
2.5V
8
VCCP
7
5V
6
ADT7485A
TOP VIEW
(Not to Scale)
Figure 2. 10-Lead MSOP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
VCC
Power supply
3.3 V ± 10%. VCC is also monitored through this pin.
2
GND
Ground
Ground Pin.
3
D1+
Analog input
Positive Connection to Remote 1 Temperature Sensor.
4
D1−
Analog input
Negative Connection to Remote 1 Temperature Sensor.
5
12V
Analog input
12 V Supply Monitor.
6
5V
Analog input
5 V Supply Monitor.
7
VCCP
Analog input
Processor Core Voltage Monitor.
8
2.5V
Analog input
2.5 V Supply Monitor.
9
ADD
Digital input
SST Address Select.
10
SST
Digital input/output
SST Bidirectional Data Line.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn