Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7484A Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7484A
Description  Digital Temperature Sensor with SST Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7484A Datasheet(HTML) 3 Page - Analog Devices

  ADT7484A Datasheet HTML 1Page - Analog Devices ADT7484A Datasheet HTML 2Page - Analog Devices ADT7484A Datasheet HTML 3Page - Analog Devices ADT7484A Datasheet HTML 4Page - Analog Devices ADT7484A Datasheet HTML 5Page - Analog Devices ADT7484A Datasheet HTML 6Page - Analog Devices ADT7484A Datasheet HTML 7Page - Analog Devices ADT7484A Datasheet HTML 8Page - Analog Devices ADT7484A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADT7484A/ADT7486A
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
3.0
3.3
3.6
V
Undervoltage Lockout Threshold
2.8
V
Average Operating Supply Current, IDD
3.8
5
mA
Continuous conversions
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
+1
±1.75
°C
40°C
≤ T
A
≤ 70°C, V
CC
= 3.3 V ±5%
±4
°C
−40°C
≤ T
A
≤ +100°C
Remote Sensor Accuracy
±1
°C
−40°C
≤ T
D
≤ +125°C; T
A
= 25°C; VCC = 3.3 V
+1
±1.75
°C
−40°C
≤ T
D
≤ +125°C; −40 ≤T
A
≤ 70°C,
VCC = 3.3 V ±5%
±4
°C
−40°C
≤ T
D
≤ +125°C; −40 ≤ T
A
≤ +100°C
Remote Sensor Source Current
12
μA
Low level
80
μA
Mid level
204
μA
High level
Resolution
0.016
°C
Series Resistance Cancellation
1.5
The ADT7484A and ADT7486A cancel 1.5 kΩ
in series with the remote thermal diode
Conversion Time (Local Temperature)1
12
ms
Averaging enabled
Conversion Time (Remote Temperature)1
38
ms
Averaging enabled
Total Monitoring Cycle Time1
50
ms
Averaging enabled
DIGITAL INPUTS (ADD0, ADD1)
Input High Voltage, VIH
2.3
V
Input Low Voltage, VIL
0.8
V
Input High Current, IIH
−1
μA
VIN = VCC
Input Low Current, IIL
1
μA
VIN = 0
Pin Capacitance
5
pF
DIGITAL I/O (SST Pin)
Input High Voltage, VIH
1.1
V
Input Low Voltage, VIL
0.4
V
Hysteresis1
150
mV
Between input switching levels
Output High Voltage, VOH
1.1
1.9
V
ISOURCE = 6 mA (maximum)
High Impedance State Leakage, ILEAK
±1
μA
Device powered on SST bus;
VSST = 1.1 V, VCC = 3.3 V
High Impedance State Leakage, ILEAK
±10
μA
Device unpowered on SST bus;
VSST = 1.1 V, VCC = 0 V
Signal Noise Immunity, VNOISE
300
mV p-p
Noise glitches from 10 MHz to 100 MHz;
width up to 50 ns
SST TIMING
Bitwise Period, tBIT
0.495
500
μs
High Level Time for Logic 1, tH12
0.6 × tBIT
0.75 × tBIT
0.8 × tBIT
μs
tBIT defined in speed negotiation
High Level Time for Logic 0, tH02
0.2 × tBIT
0.25 × tBIT
0.4 × tBIT
μs
Time to Assert SST High for Logic 1, tSU,HIGH
0.2 × tBIT
μs
Hold Time, tHOLD3
0.5 × tBIT-M
μs
See SST Specification Rev 1.0
Stop Time, tSTOP
1.25 × tBIT
2 × tBIT
2 × tBIT
μs
Device responding to a constant low
level driven by originator


Similar Part No. - ADT7484A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
ADT7484AARMZ-R7 ONSEMI-ADT7484AARMZ-R7 Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
ADT7484AARMZ-RL ONSEMI-ADT7484AARMZ-RL Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
ADT7484AARZ-REEL ONSEMI-ADT7484AARZ-REEL Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
ADT7484AARZ-RL7 ONSEMI-ADT7484AARZ-RL7 Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
More results

Similar Description - ADT7484A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com