Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF2807ZLPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF2807ZLPBF
Description  AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2807ZLPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF2807ZLPBF Datasheet HTML 4Page - International Rectifier IRF2807ZLPBF Datasheet HTML 5Page - International Rectifier IRF2807ZLPBF Datasheet HTML 6Page - International Rectifier IRF2807ZLPBF Datasheet HTML 7Page - International Rectifier IRF2807ZLPBF Datasheet HTML 8Page - International Rectifier IRF2807ZLPBF Datasheet HTML 9Page - International Rectifier IRF2807ZLPBF Datasheet HTML 10Page - International Rectifier IRF2807ZLPBF Datasheet HTML 11Page - International Rectifier IRF2807ZLPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRF2807Z/S/LPbF
www.irf.com
11
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
AS S EMB LY
LOT CODE
RE CT IFIER
INTE RNATIONAL
AS S E MB LE D ON WW 19, 1997
Note: "P" in assembly line
pos ition indicates "Lead-F ree"
IN T HE AS S EMB LY LINE "C"
LOGO
T HIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DAT E CODE
WEEK 19
YEAR 7 = 1997
PART NUMB ER
PART NUMBER
LOGO
LOT CODE
AS S E MB LY
INT ERNAT IONAL
RECT IF IER
PRODUCT (OPTIONAL)
P = DE S IGNAT ES LEAD-F RE E
A = AS S E MBLY S IT E CODE
WEE K 19
YE AR 7 = 1997
DAT E CODE
OR


Similar Part No. - IRF2807ZLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2807ZLPBF IRF-IRF2807ZLPBF Datasheet
405Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF2807ZLPBF

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY75N075T HY-HY75N075T Datasheet
225Kb / 4P
   75V / 75A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UTT75N75M UTC-UTT75N75M Datasheet
649Kb / 9P
   75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
logo
STMicroelectronics
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
   N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
   N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
STP75NE75 STMICROELECTRONICS-STP75NE75 Datasheet
106Kb / 9P
   N - CHANNEL 75V - 0.01ohm - 75A TO-220/TO-220FP STripFET POWER MOSFET
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
   N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
logo
Nihon Inter Electronics...
PDM755HA NIEC-PDM755HA Datasheet
108Kb / 3P
   MOSFET 75A 500A
logo
Vincotech
10-FZ06NRA084FP02-P969F78 VINCOTECH-10-FZ06NRA084FP02-P969F78 Datasheet
5Mb / 26P
   75A parallel switch (75A and 99m MOSFET)
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com