Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDD40-12T01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KDD40-12T01
Description  DC-DC CONVERTER 33 ~ 48W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KDD40-12T01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KDD40-12T01 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD40-12T01 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD40-12T01 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDD40-12T01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-DC CONVERTER
KDD40 SERIES
33 ~ 48W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Transient recovery time: ....................
* Temperature coefficient: ....................
* Dimension: ......................................
>80KHz
1,500VDC
>1G Ω(min.)
-25 to +71℃
-40 to +85℃
85℃
389,000Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
500µS, 25% load step change
±0.02% / ℃
70 x 100 x 23mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ........
* Input filter: .......................................
9 ~ 18VDC for 12V
18 ~ 36VDC for 24V
36 ~ 72VDC for 48V
Pi type
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Derating: .........................................
* Case material: ..................................
±1% at Vo_nom for single output models
±2% at Vo_nom for dual output models
±2% at Vo_nom for triple output models (±3% for -5V_out)
No load for single output models
±20% at Vo_nom for dual & triple output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±2% for +V_out / ±5% for -V_out for dual output models
±2% for +5V/±5% for ±12V & ±15V & +12V/±15V for triple
20MHZ BM, Vout x ±1% mV p-p
150mV p-p for -5Vout for triple
Up to 84%, see model list
See table 1
Metal
CONTROL AND PROTECTION
* Output short circuit: .......................... Continuous


Similar Part No. - KDD40-12T01

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDD COOPER-KDD Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDD EATON-KDD Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
VBsemi Electronics Co.,...
KDD VBSEMI-KDD Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
List of Unclassifed Man...
KDD25 ETC-KDD25 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - KDD40-12T01

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Artesyn Technologies
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com