Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6756T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6756T
Description  High Speed Optocoupler, 10 MBd SOIC-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6756T Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6756T Datasheet HTML 1Page - Vishay Siliconix SFH6756T Datasheet HTML 2Page - Vishay Siliconix SFH6756T Datasheet HTML 3Page - Vishay Siliconix SFH6756T Datasheet HTML 4Page - Vishay Siliconix SFH6756T Datasheet HTML 5Page - Vishay Siliconix SFH6756T Datasheet HTML 6Page - Vishay Siliconix SFH6756T Datasheet HTML 7Page - Vishay Siliconix SFH6756T Datasheet HTML 8Page - Vishay Siliconix SFH6756T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 81331
Rev. 1.0, 26-Jun-06
SFH6755T/56T/57T
Vishay Semiconductors
Common Mode Transient Immunity
1) For SFH6755T
2) For SFH6756T
3) For SFH6757T
Figure 1. Dual Channel Test Circuit for tPLH, tPHL, tr and tf
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode
transient immunity
(high)
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
1)
| CMH |
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
2)
| CMH |
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min) = 2 V, RL = 350 Ω, Tamb = 25 °C
3)
| CMH|
10000
15000
V/µs
Common mode
transient immunity
(low)
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
1)
| CML|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
2)
| CML |
5000
10000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 7 mA,
VO(max) = 0.8 V, RL = 350 Ω, Tamb = 25 °C
3)
| CML|
10000
15000
V/µs
20132
Input IF
Output VO
IF
0mA
VOL
1.5 V
t PHL
t PLH
VOH
= 7.5 mA
IF = 3.75 mA
1
2
3
4
8
7
6
5
GND
VCC
Pulse Gen.
Z= 50
Ω
t = t =5ns
o
f
r
Input
Monitoring
Node
Dual Channel
OutputV
Monitoring
Node
O
IF
RM
RL
CL=15pF
0.1 µF
Bypass
VCC
Figure 2. Dual Channel Test Circuit for Common Mode Transient Immunity
VCM(PEAK)
Switch AT A: I
0 mA
F
Switch AT A:
7.5mA
F
VO(min.
VO(max.)
0V
5V
V
VCM
VO
VO 0.5
CMH
CML
20133
)
=
I =
1
2
3
4
8
7
6
5
18977-1
GND
0.1 µF
Bypass
VCC
RL
+5V
OutputVO
Monitoring
Node
+
-
VCM
B
A
VFF
IF
Pulse Generator
Z
= 50
Ω
O
Dual Channel


Similar Part No. - SFH6756T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6756T VISHAY-SFH6756T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6756T VISHAY-SFH6756T Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
SFH6756T VISHAY-SFH6756T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - SFH6756T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com